Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002K-AU_R1_10001 Datasheet(PDF) 6 Page - Pan Jit International Inc.

Part # 2N7002K-AU_R1_10001
Description  60V N-Channel Enhancement Mode MOSFET - ESD Protected
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

2N7002K-AU_R1_10001 Datasheet(HTML) 6 Page - Pan Jit International Inc.

  2N7002K-AU_R1_10001 Datasheet HTML 1Page - Pan Jit International Inc. 2N7002K-AU_R1_10001 Datasheet HTML 2Page - Pan Jit International Inc. 2N7002K-AU_R1_10001 Datasheet HTML 3Page - Pan Jit International Inc. 2N7002K-AU_R1_10001 Datasheet HTML 4Page - Pan Jit International Inc. 2N7002K-AU_R1_10001 Datasheet HTML 5Page - Pan Jit International Inc. 2N7002K-AU_R1_10001 Datasheet HTML 6Page - Pan Jit International Inc. 2N7002K-AU_R1_10001 Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PAGE . 6
October 29,2010-REV.02
Part No_packing code_Version
2N7002K-AU_R1_000A1
For example :
RB500V-40_R2_00001
2N7002K-AU_R2_000A1
Part No.
Serial number
Version code means HF
Packing size code means 13"
Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing type
1st Code
Packing size code
2nd Code HF or RoHS 1st Code 2nd~5th Code
Tape and Ammunition Box
(T/B)
A
N/A
0
HF
0
serial number
Tape and Reel
(T/R)
R
7"
1
RoHS
1
serial number
Bulk Packing
(B/P)
B
13"
2
Tube Packing
(T/P)
T
26mm
X
Tape and Reel (Right Oriented)
(TRR)
S
52mm
Y
Tape and Reel (Left Oriented)
(TRL)
L
PANASERT T/B CATHODE UP
(PBCU)
U
FORMING
F
PANASERT T/B CATHODE DOWN
(PBCD)
D
2N7002K-AU


Similar Part No. - 2N7002K-AU_R1_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N7002K-AU PANJIT-2N7002K-AU_15 Datasheet
234Kb / 7P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
More results

Similar Description - 2N7002K-AU_R1_10001

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
2N7002KDW HY-2N7002KDW Datasheet
256Kb / 4P
   60V ESD Protected N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
2N7002KDW PANJIT-2N7002KDW_14 Datasheet
170Kb / 6P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KW PANJIT-2N7002KW_14 Datasheet
131Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KW PANJIT-2N7002KW Datasheet
170Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KDW PANJIT-2N7002KDW_10 Datasheet
119Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KTB PANJIT-2N7002KTB Datasheet
117Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KTB6 PANJIT-2N7002KTB6 Datasheet
150Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002K-AU PANJIT-2N7002K-AU_15 Datasheet
234Kb / 7P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KW PANJIT-2N7002KW_10 Datasheet
162Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KDW-AU PANJIT-2N7002KDW-AU Datasheet
326Kb / 7P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com