Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002KU Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # 2N7002KU
Description  N Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

2N7002KU Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  2N7002KU Datasheet HTML 1Page - KEC(Korea Electronics) 2N7002KU Datasheet HTML 2Page - KEC(Korea Electronics) 2N7002KU Datasheet HTML 3Page - KEC(Korea Electronics) 2N7002KU Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2013. 7. 19
2/4
2N7002KU
Revision No : 1
G
D
VOUT
VDD
VIN
VGS
S
R
L
OUTPUT
PULSE WIDTH
INVERTED
tr
td(on)
10%
90%
90%
90%
10%
50%
50%
ton
tf
td(off)
toff
INPUT
VOUT
VIN
SWITCHING TIME TEST CIRCUIT
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
Note 3) Pulse Test : Pulse Width
≦80㎲, Duty Cycle≦1%
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT.
Static
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=10μ
A
60
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=60V, VGS=0V
-
-
1
μA
Gate-Body Leakage, Forward
IGSSF
VGS=20V, VDS=0V
-
-
10
μA
Gate-Body Leakage, Reverse
IGSSR
VGS=-20V, VDS=0V
-
-
-10
μA
Gate Threshold Voltage
Vth
VDS=VGS, ID=250μ
A
1.0
-
2.0
V
Drain-Source ON Resistance
RDS(ON)
VGS=10V, ID=300mA
(Note 3)
-
1.2
1.5
VGS=4.5V, ID=250mA
(Note 3)
-
1.45
1.9
Forward Transconductance
gFS
VDS=10V, ID=300mA
250
-
-
mS
Drain-Source Diode Forward Voltage
VSD
VGS=0V, IS=300mA
-
0.9
1.2
V
Dynamic
Input Capacitance
Ciss
VDS=25V, VGS=0V, f=1MHz
-
20
-
pF
Reverse Transfer Capacitance
Crss
-
4
-
Output Capacitance
Coss
-
8
-
Switching Time
Turn-On Time
ton
VDD=30V, ID=300mA, VGS=10V (Note 3)
-
9
-
ns
Turn-Off Time
toff
-
43
-


Similar Part No. - 2N7002KU

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
2N7002KU SILIKRON-2N7002KU Datasheet
642Kb / 7P
   Advanced MOSFET process technology
logo
GOOD-ARK Electronics
2N7002KU GOOD-ARK-2N7002KU Datasheet
689Kb / 6P
   60V N-Channel MOSFET
logo
KEC(Korea Electronics)
2N7002KU KEC-2N7002KU Datasheet
56Kb / 4P
   N Channel MOSFET
logo
GOOD-ARK Electronics
2N7002KU GOOD-ARK-2N7002KU_15 Datasheet
689Kb / 6P
   60V N-Channel MOSFET
logo
KEC(Korea Electronics)
2N7002KU KEC-2N7002KU_18 Datasheet
56Kb / 4P
   N Channel MOSFET
More results

Similar Description - 2N7002KU

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com