Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9260B08DER-G Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC9260B08DER-G
Description  COT Control, 1.5A Synchronous Step-Down DC/DC Converters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9260B08DER-G Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC9260B08DER-G Datasheet HTML 7Page - Torex Semiconductor XC9260B08DER-G Datasheet HTML 8Page - Torex Semiconductor XC9260B08DER-G Datasheet HTML 9Page - Torex Semiconductor XC9260B08DER-G Datasheet HTML 10Page - Torex Semiconductor XC9260B08DER-G Datasheet HTML 11Page - Torex Semiconductor XC9260B08DER-G Datasheet HTML 12Page - Torex Semiconductor XC9260B08DER-G Datasheet HTML 13Page - Torex Semiconductor XC9260B08DER-G Datasheet HTML 14Page - Torex Semiconductor XC9260B08DER-G Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11/28
XC9260/XC9261
Series
OPERATIONAL EXPLANATION
The XC9260/XC9261 series consists of a reference voltage source, error amplifier, comparator, phase compensation, minimum
on time generation circuit, output voltage adjustment resistors, P-channel MOS driver transistor, N-channel MOS switching
transistor for the synchronous switch, current limiter circuit, UVLO circuit, thermal shutdown circuit, short protection circuit,
PWM/PFM selection circuit and others. (See the BLOCK DIAGRAM below.)
BLOCK DIAGRAM
XC9260/XC9261 Series Type B (SOT-89-5)
The method is HiSAT-COT (High Speed circuit Architecture for Transient with Constant On Time) control, which features on
time control method and a fast transient response that also achieves low output voltage ripple.
The on time (ton) is determined by the input voltage and output voltage, and turns on the Pch MOS driver Tr. for a fixed time.
During the off time (toff), the voltage that is fed back through R1 and R2 is compared to the reference voltage by the error amp,
and the error amp output is phase compensated and sent to the comparator. The comparator compares this signal to the
reference voltage, and if the signal is lower than the reference voltage, sets the SR latch. On time then resumes. By doing this,
PWM operation takes place with the off time controlled to the optimum duty ratio and the output voltage is stabilized. The phase
compensation circuit optimizes the frequency characteristics of the error amp, and generates a ramp wave similar to the ripple
voltage that occurs in the output to modulate the output signal of the error amp. This enables a stable feedback system to be
obtained even when a low ESR capacitor such as a ceramic capacitor is used, and a fast transient response and stabilization of
the output voltage are achieved.
<Minimum on time generation circuit>
Generates an on time that depends on the input voltage and output voltage (ton). The on time is set as given by the equations
below.
fOSC1.2MHz type
ton (ns) = VOUT/VIN×833
fOSC3.0MHz type
ton (ns) = VOUT/VIN×333
<Switching frequency>
The switching frequency can be obtained from the on time (ton), which is determined by the input voltage and output voltage,
and the PWM controlled off time (toff) as given by the equation below.
fOSC (MHz) = VOUT(V) / (VIN(V)×ton(ns))
<100% duty cycle mode>
When the load current is heavy and the voltage difference between input voltage and output voltage is small, 100% duty cycle
mode is activated and it keeps the Pch MOS driver Tr. keep on. 100% duty cycle mode attains a high output voltage stability and
a high-speed response under all load conditions, from light to heavy, even in conditions where the dropout voltage is low.
<Error amp>
The error amp monitors the output voltage. The voltage divided by the internal R1 and R2 resistors is a feedback voltage for
Error Amp. and compared to the reference voltage. The output voltage of the error amp becomes higher when the feedback
voltage is higher than the reference voltage. The frequency characteristics of the error amp are optimized internally.


Similar Part No. - XC9260B08DER-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9262 TOREX-XC9262 Datasheet
972Kb / 26P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9263 TOREX-XC9263 Datasheet
1Mb / 30P
   18V Operation 0.5A Synchronous Step-Down DC/DC Converters
XC9263A75CMR-G TOREX-XC9263A75CMR-G Datasheet
1Mb / 30P
   18V Operation 0.5A Synchronous Step-Down DC/DC Converters
XC9264 TOREX-XC9264 Datasheet
1Mb / 30P
   18V Operation 0.5A Synchronous Step-Down DC/DC Converters
XC9265 TOREX-XC9265 Datasheet
957Kb / 29P
   Ultra Low Power Synchronous Step-Down PFM DC/DC Converter
More results

Similar Description - XC9260B08DER-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XD9260 TOREX-XD9260 Datasheet
1Mb / 27P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9262 TOREX-XC9262 Datasheet
972Kb / 26P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9274 TOREX-XC9274 Datasheet
1Mb / 28P
   COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XC9259 TOREX-XC9259 Datasheet
1Mb / 28P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XC9273 TOREX-XC9273 Datasheet
1Mb / 30P
   COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XC9266 TOREX-XC9266 Datasheet
1Mb / 30P
   COT Control, 6.0A Synchronous Step-Down DC/DC Converters
XC9257 TOREX-XC9257 Datasheet
1Mb / 27P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XC9258 TOREX-XC9258 Datasheet
1Mb / 27P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XDL601 TOREX-XDL601 Datasheet
1Mb / 21P
   HiSAT-COT 짰 Control, 1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XC9281 TOREX-XC9281 Datasheet
807Kb / 25P
   HiSAT-COT 짰 Control Extremely Small 600mA Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com