Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMA5921-AU_FY_10001 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # 1SMA5921-AU_FY_10001
Description  SURFACE MOUNT SILICON ZENER DIODE Built-in strain relief
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1SMA5921-AU_FY_10001 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  1SMA5921-AU_FY_10001 Datasheet HTML 1Page - Pan Jit International Inc. 1SMA5921-AU_FY_10001 Datasheet HTML 2Page - Pan Jit International Inc. 1SMA5921-AU_FY_10001 Datasheet HTML 3Page - Pan Jit International Inc. 1SMA5921-AU_FY_10001 Datasheet HTML 4Page - Pan Jit International Inc. 1SMA5921-AU_FY_10001 Datasheet HTML 5Page - Pan Jit International Inc. 1SMA5921-AU_FY_10001 Datasheet HTML 6Page - Pan Jit International Inc. 1SMA5921-AU_FY_10001 Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PAGE . 3
STAD-FEB.10.2009
1
1SMA5921-AU~1SMA5942-AU
100
200
100
70
50
30
20
10
10
20
30
50
70
200
V
Z
@I
ZT
Vz, ZENER VOLTAGE (VOLTS)
Fig.3 Zener Voltage - 14 to 200 Volts
V
Z=150V
62V
22V
12V
6.8V
0.5
1
2
5
10
20
50
100 200
500
1K
500
200
100
50
20
10
5
2
1
T
J
=25 C
I
Z
(rms) =0.1 I (dc)
O
Z
Iz, ZENER TEST CURRENT (mA)
Fig.4 Effect of Zener Current
0.1 0.20.3 0.5
12 3
5
10 20 30 50
100
1K
500
300
200
100
50
30
20
10
RECTANGULAR
NONREPETITIVE
WAVEFORM
T
J
=25 C PRIOR
O
TO INTIAL PULSE
PW, PULSE WIDTH (ms)
Fig.6 Maximum Surge Power
200
100
70
50
30
20
10
7
5
3
2
5
7
10
20
3
4
00
6
50
0
70
100
I
Z
(dc)=1mA
I
Z
(rms)=0.1I
Z
(dc)
10mA
20mA
Vz, ZENER VOLTAGE (VOLTS)
Fig.5 Effect of Zener Voltage
2.5
2
1.5
1
0.5
0
0
20
40
60
80
100
120 140 150 180
LEAD TEMPERATURE, C
O
Fig.1 Steady State Power Derating
V , ZENER VOLTAGE (VOLTS)
Z
8
6
4
2
0
-2
-4
24
68
10
10
12
V
Z
@I
ZT
Fig.2 Zener Voltage - to 12 volts


Similar Part No. - 1SMA5921-AU_FY_10001

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
1SMA5921 CDIL-1SMA5921 Datasheet
231Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA5921 PANJIT-1SMA5921 Datasheet
87Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODE
1SMA5921 PANJIT-1SMA5921 Datasheet
127Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Guangdong Kexin Industr...
1SMA5921 KEXIN-1SMA5921 Datasheet
1Mb / 4P
   Zener Diodes
logo
EIC discrete Semiconduc...
1SMA5921A EIC-1SMA5921A Datasheet
84Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - 1SMA5921-AU_FY_10001

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SDD860 SMC-SDD860 Datasheet
147Kb / 4P
   Built Strain Relief
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5926 TRSYS-1SMB5926 Datasheet
227Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
1SMC5348 TRSYS-1SMC5348 Datasheet
275Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMOZ2V4 CENTRAL-CMOZ2V4_15 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
CMSZ5221B CENTRAL-CMSZ5221B_15 Datasheet
490Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA5921 PANJIT-1SMA5921_15 Datasheet
183Kb / 7P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Unisonic Technologies
SMA5V UTC-SMA5V Datasheet
125Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA4736 PANJIT-1SMA4736_09 Datasheet
478Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5921 PANJIT-1SMB5921_09 Datasheet
128Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com