Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMA4736-AU_SU_10001 Datasheet(PDF) 6 Page - Pan Jit International Inc.

Part # 1SMA4736-AU_SU_10001
Description  SURFACE MOUNT SILICON ZENER DIODE Glass passivated junction
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1SMA4736-AU_SU_10001 Datasheet(HTML) 6 Page - Pan Jit International Inc.

  1SMA4736-AU_SU_10001 Datasheet HTML 1Page - Pan Jit International Inc. 1SMA4736-AU_SU_10001 Datasheet HTML 2Page - Pan Jit International Inc. 1SMA4736-AU_SU_10001 Datasheet HTML 3Page - Pan Jit International Inc. 1SMA4736-AU_SU_10001 Datasheet HTML 4Page - Pan Jit International Inc. 1SMA4736-AU_SU_10001 Datasheet HTML 5Page - Pan Jit International Inc. 1SMA4736-AU_SU_10001 Datasheet HTML 6Page - Pan Jit International Inc. 1SMA4736-AU_SU_10001 Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PAGE . 6
December 4,2012-REV.07
1SMA4736-AU~1SMA4757-AU
Part No_packing code_Version
1SMA4736-AU_R1_000A1
1SMA4736-AU_R2_000A1
For example :
RB500V-40_R2_00001
Part No.
Serial number
Version code means HF
Packing size code means 13"
Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing type
1st Code
Packing size code
2nd Code HF or RoHS 1st Code 2nd~5th Code
Tape and Ammunition Box
(T/B)
A
N/A
0
HF
0
serial number
Tape and Reel
(T/R)
R
7"
1
RoHS
1
serial number
Bulk Packing
(B/P)
B
13"
2
Tube Packing
(T/P)
T
26mm
X
Tape and Reel (Right Oriented)
(TRR)
S
52mm
Y
Tape and Reel (Left Oriented)
(TRL)
L
PANASERT T/B CATHODE UP
(PBCU)
U
FORMING
F
PANASERT T/B CATHODE DOWN
(PBCD)
D


Similar Part No. - 1SMA4736-AU_SU_10001

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
1SMA4736 CDIL-1SMA4736 Datasheet
230Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA4736 PANJIT-1SMA4736 Datasheet
361Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMA4736 PANJIT-1SMA4736 Datasheet
522Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODE
1SMA4736 PANJIT-1SMA4736 Datasheet
438Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMA4736 PANJIT-1SMA4736 Datasheet
478Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - 1SMA4736-AU_SU_10001

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
1N4741A TSC-1N4741A Datasheet
86Kb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4729A PANJIT-1N4729A Datasheet
803Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4736A PANJIT-1N4736A Datasheet
379Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Transys Electronics
1N4741A TRSYS-1N4741A Datasheet
348Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N5926B TRSYS-1N5926B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A Datasheet
395Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
WILLAS ELECTRONIC CORP
1N4728A WILLAS-1N4728A Datasheet
627Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1N4741A TSC-1N4741A_1 Datasheet
1Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com