Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS40-AU_S2_10001 Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # BAS40-AU_S2_10001
Description  SURFACE MOUNT SCHOTTKY DIODES Fast switching speed
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS40-AU_S2_10001 Datasheet(HTML) 4 Page - Pan Jit International Inc.

  BAS40-AU_S2_10001 Datasheet HTML 1Page - Pan Jit International Inc. BAS40-AU_S2_10001 Datasheet HTML 2Page - Pan Jit International Inc. BAS40-AU_S2_10001 Datasheet HTML 3Page - Pan Jit International Inc. BAS40-AU_S2_10001 Datasheet HTML 4Page - Pan Jit International Inc. BAS40-AU_S2_10001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PAGE . 4
BAS40-AU SERIES
REV.0.1-FEB.5.2009
Part No_packing code_Version
BAS40-AU_R1_000A1
BAS40-AU_R2_000A1
For example :
RB500V-40_R2_00001
Part No.
Serial number
Version code means HF
Packing size code means 13"
Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing type
1st Code
Packing size code
2nd Code HF or RoHS 1st Code 2nd~5th Code
Tape and Ammunition Box
(T/B)
A
N/A
0
HF
0
serial number
Tape and Reel
(T/R)
R
7"
1
RoHS
1
serial number
Bulk Packing
(B/P)
B
13"
2
Tube Packing
(T/P)
T
26mm
X
Tape and Reel (Right Oriented)
(TRR)
S
52mm
Y
Tape and Reel (Left Oriented)
(TRL)
L
PANASERT T/B CATHODE UP
(PBCU)
U
FORMING
F
PANASERT T/B CATHODE DOWN
(PBCD)
D


Similar Part No. - BAS40-AU_S2_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS40-AU PANJIT-BAS40-AU_16 Datasheet
272Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
BAS40-AU_R1_000A1 PANJIT-BAS40-AU_R1_000A1 Datasheet
272Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
BAS40-AU_R1_000A1 PANJIT-BAS40-AU_R1_000A1 Datasheet
212Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
December 14,2018-REV.04
BAS40-AU_R2_000A1 PANJIT-BAS40-AU_R2_000A1 Datasheet
272Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
BAS40-AU PANJIT-BAS40-AU_V01 Datasheet
212Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
December 14,2018-REV.04
More results

Similar Description - BAS40-AU_S2_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS70-AU PANJIT-BAS70-AU Datasheet
274Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES Fast switching speed
BAS16-AU PANJIT-BAS16-AU Datasheet
452Kb / 5P
   SURFACE MOUNT SWITCHING DIODES Fast switching speed
BAW56W-AU PANJIT-BAW56W-AU Datasheet
300Kb / 5P
   SURFACE MOUNT SWITCHING DIODES Fast switching speed
BAW56-AU PANJIT-BAW56-AU Datasheet
248Kb / 5P
   SURFACE MOUNT SWITCHING DIODES Fast switching speed
logo
Shenzhen Luguang Electr...
BAV99DW LUGUANG-BAV99DW Datasheet
312Kb / 2P
   Surface Mount Fast Switching Diodes
logo
Pan Jit International I...
LL4148 PANJIT-LL4148_09 Datasheet
89Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
LS4150 PANJIT-LS4150 Datasheet
90Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
logo
Galaxy Semi-Conductor H...
BAV99BRW BILIN-BAV99BRW_17 Datasheet
119Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99S BILIN-BAV99S_17 Datasheet
121Kb / 3P
   Surface Mount Fast Switching Diodes
BAW56DW BILIN-BAW56DW_17 Datasheet
116Kb / 3P
   Surface Mount Fast Switching Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com