Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16-AU_TU_10001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BAS16-AU_TU_10001
Description  SURFACE MOUNT SWITCHING DIODES Fast switching speed
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS16-AU_TU_10001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BAS16-AU_TU_10001 Datasheet HTML 1Page - Pan Jit International Inc. BAS16-AU_TU_10001 Datasheet HTML 2Page - Pan Jit International Inc. BAS16-AU_TU_10001 Datasheet HTML 3Page - Pan Jit International Inc. BAS16-AU_TU_10001 Datasheet HTML 4Page - Pan Jit International Inc. BAS16-AU_TU_10001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
REV.0.1-FEB.4.2009
BAS16-AU~BAS21-AU
SURFACE MOUNT SWITCHING DIODES
VOLTAGE 100-250 Volts
350mWatts
MECHANICAL
Case: SOT-23, Plastic
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.0003 ounces, 0.0084 grams
DATA
POWER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.For capacitive load, derate current by 20%.
NOTE:
1. CJ at VR=0, f=1MHZ
2.From IF=10mA to IR=1mA, VR=6Volts, RL=100Ω
SINGLE
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S
S
T
I
N
U
e
d
o
C
g
n
i
k
r
a
M
6
A8
A0
8
A2
8
A
e
g
a
tl
o
V
e
s
r
e
v
e
RVR
5
70
0
10
5
10
0
2V
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
PVRM
0
0
10
2
10
0
20
5
2V
n
o
it
a
c
if
it
c
e
R
e
v
a
W
fl
a
H
,)
e
g
a
r
e
v
A
(
t
n
e
rr
u
C
d
e
if
it
c
e
R
z
H
0
5
=
>
f
d
n
a
d
a
o
L
e
v
it
s
i
s
e
R
h
ti
w
IO
0
5
20
0
20
0
20
0
2A
m
0
.
1
=
p
t
,t
n
e
rr
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
µ
fl
a
h
e
l
g
n
i
s
s
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
ir
e
p
u
s
e
v
a
w
-
e
n
i
s
)
d
o
h
t
e
m
C
E
D
E
J
(
IFSM
25
.
25
.
25
.
2A
5
2
e
v
o
b
A
e
t
a
r
e
D
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
O
CPTOT
0
5
30
5
30
5
30
5
3W
m
e
g
a
tl
o
V
d
r
a
w
r
o
F
m
u
m
ix
a
MVF
A
m
0
1
@
5
5
8
.
0A
m
0
0
1
@
0
.
1V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
t
n
e
rr
u
C
e
s
r
e
v
e
R
C
D
m
u
m
ix
a
M
T
e
g
a
tl
o
V
J
5
2
=
O
C
IR
11
1
1
A
u
)
1
s
e
t
o
N
(
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
J
l
a
c
i
p
y
TJ
C2
5
.
15
.
15
.
1F
p
)
2
s
e
t
o
N
(
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
m
u
m
ix
a
MTRR
60
50
50
5s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
TRΘ A
J7
5
3
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
STJ
5
2
1
+
O
T
5
5
-
O
C
SOT-23
Unit inch(mm)
FEATURES
• Fast switching speed.
• Surface mount package Ideally Suited for Automatic insertion
Electrically Identical to Standard JEDEC
High Conductance
Acqire quality system certificate : TS16949
AEC-Q101 qualified
• Lead free in comply with EU RoHS 2002/95/EC directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
0.120(3.04)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.070(1.80)
0.020(0.50)
0.013(0.35)
0.044(1.10)
0.035(0.90)
0.008(0.20)
0.003(0.08)
0.004(0.10)
0.000(0.00)
0
2
S
A
B
2
S
A 1
B
9
B
1
S
A
6
1
S
A
B


Similar Part No. - BAS16-AU_TU_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS16-AU PANJIT-BAS16-AU_17 Datasheet
239Kb / 5P
   SURFACE MOUNT SWITCHING DIODES
BAS16-AU_R1_000A1 PANJIT-BAS16-AU_R1_000A1 Datasheet
239Kb / 5P
   SURFACE MOUNT SWITCHING DIODES
BAS16-AU_R2_000A1 PANJIT-BAS16-AU_R2_000A1 Datasheet
239Kb / 5P
   SURFACE MOUNT SWITCHING DIODES
More results

Similar Description - BAS16-AU_TU_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAW56W-AU PANJIT-BAW56W-AU Datasheet
300Kb / 5P
   SURFACE MOUNT SWITCHING DIODES Fast switching speed
BAW56-AU PANJIT-BAW56-AU Datasheet
248Kb / 5P
   SURFACE MOUNT SWITCHING DIODES Fast switching speed
BAS40-AU PANJIT-BAS40-AU Datasheet
272Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES Fast switching speed
BAS70-AU PANJIT-BAS70-AU Datasheet
274Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES Fast switching speed
logo
Shenzhen Luguang Electr...
BAV99DW LUGUANG-BAV99DW Datasheet
312Kb / 2P
   Surface Mount Fast Switching Diodes
logo
Pan Jit International I...
LL4148 PANJIT-LL4148_09 Datasheet
89Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
LS4150 PANJIT-LS4150 Datasheet
90Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
logo
Galaxy Semi-Conductor H...
BAV99BRW BILIN-BAV99BRW_17 Datasheet
119Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99S BILIN-BAV99S_17 Datasheet
121Kb / 3P
   Surface Mount Fast Switching Diodes
BAW56DW BILIN-BAW56DW_17 Datasheet
116Kb / 3P
   Surface Mount Fast Switching Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com