Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9261A13CPR-G Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC9261A13CPR-G
Description  COT Control, 1.5A Synchronous Step-Down DC/DC Converters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9261A13CPR-G Datasheet(HTML) 5 Page - Torex Semiconductor

  XC9261A13CPR-G Datasheet HTML 1Page - Torex Semiconductor XC9261A13CPR-G Datasheet HTML 2Page - Torex Semiconductor XC9261A13CPR-G Datasheet HTML 3Page - Torex Semiconductor XC9261A13CPR-G Datasheet HTML 4Page - Torex Semiconductor XC9261A13CPR-G Datasheet HTML 5Page - Torex Semiconductor XC9261A13CPR-G Datasheet HTML 6Page - Torex Semiconductor XC9261A13CPR-G Datasheet HTML 7Page - Torex Semiconductor XC9261A13CPR-G Datasheet HTML 8Page - Torex Semiconductor XC9261A13CPR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5/28
XC9260/XC9261
Series
ABSOLUTE MAXIMUM RATINGS
Ta=25℃
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
-0.3~+6.2
V
Lx PIN Voltage
VLx
-0.3~VIN+0.3 or +6.2
(*1)
V
Output Voltage
VOUT
-0.3~VIN+0.3 or +4.0
(*2)
V
CE Input Voltage
VCE
-0.3~+6.2
V
Lx Current
ILx
-
mA
500
SOT-89-5
1300 (PCB mounted)
(*3)
120
Power Dissipation
USP-6C
Pd
1000 (PCB mounted)
(*3)
mW
Operating Ambient Temperature
Topr
-40~+105
Storage Temperature
Tstg
-55~+125
* All voltages are described based on the GND (AGND and PGND and VSS) pin.
(*1) The maximum value should be either VIN+0.3V or +6.2V in the lowest.
(*2) The maximum value should be either VIN+0.3V or +4.0V in the lowest.
(*3) This is a reference data taken by using the test board. Please refer to page 25 and 26 for details.


Similar Part No. - XC9261A13CPR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9262 TOREX-XC9262 Datasheet
972Kb / 26P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9263 TOREX-XC9263 Datasheet
1Mb / 30P
   18V Operation 0.5A Synchronous Step-Down DC/DC Converters
XC9263A75CMR-G TOREX-XC9263A75CMR-G Datasheet
1Mb / 30P
   18V Operation 0.5A Synchronous Step-Down DC/DC Converters
XC9264 TOREX-XC9264 Datasheet
1Mb / 30P
   18V Operation 0.5A Synchronous Step-Down DC/DC Converters
XC9265 TOREX-XC9265 Datasheet
957Kb / 29P
   Ultra Low Power Synchronous Step-Down PFM DC/DC Converter
More results

Similar Description - XC9261A13CPR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XD9260 TOREX-XD9260 Datasheet
1Mb / 27P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9262 TOREX-XC9262 Datasheet
972Kb / 26P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9274 TOREX-XC9274 Datasheet
1Mb / 28P
   COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XC9259 TOREX-XC9259 Datasheet
1Mb / 28P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XC9273 TOREX-XC9273 Datasheet
1Mb / 30P
   COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XC9266 TOREX-XC9266 Datasheet
1Mb / 30P
   COT Control, 6.0A Synchronous Step-Down DC/DC Converters
XC9257 TOREX-XC9257 Datasheet
1Mb / 27P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XC9258 TOREX-XC9258 Datasheet
1Mb / 27P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XDL601 TOREX-XDL601 Datasheet
1Mb / 21P
   HiSAT-COT 짰 Control, 1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XC9281 TOREX-XC9281 Datasheet
807Kb / 25P
   HiSAT-COT 짰 Control Extremely Small 600mA Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com