Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS70-AU_FD_10001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BAS70-AU_FD_10001
Description  SURFACE MOUNT SCHOTTKY DIODES Fast switching speed
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS70-AU_FD_10001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BAS70-AU_FD_10001 Datasheet HTML 1Page - Pan Jit International Inc. BAS70-AU_FD_10001 Datasheet HTML 2Page - Pan Jit International Inc. BAS70-AU_FD_10001 Datasheet HTML 3Page - Pan Jit International Inc. BAS70-AU_FD_10001 Datasheet HTML 4Page - Pan Jit International Inc. BAS70-AU_FD_10001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
REV.0.2-FEB.10.2010
BAS70-AU SERIES
SURFACE MOUNT SCHOTTKY DIODES
VOLTAGE 70 Volts
0.2 Amperes
MECHANICAL DATA
Case: SOT-23, Plastic
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.0003 ounces , 0.008 grams
CURRENT
ABSOLUTE RATINGS
THERMAL CHARACTERISTICS
Parameter
Symbol
Value
Units
Reverse Voltage
VR
70
V
Peak Reverse Voltage
VRRM
70
V
Average Rectified Current at Temp=25OCI F(AV)0.2
A
Non-repetitive Peak Forward Surge Current at
t=1.0 s
I FSM
0.6
A
Parameter
Symbol
Marking code
-
A70
A72
A73
A74
-
Power Dissipation
PD
225
mW
Thermal Resistance , Junction to Ambient (Note 1)
JA
556
O
C/W
Operating Junction Temperature
TJ
-55 to 150
O
C
Operating Storage Temperature
TSTG
-55 to 150
O
C
Circuit Configuration
-
SINGLE
COMMON
ANODE
COMMON
CATHODE
SERIES
-
BAS70A-AU
COMMON ANODE
SINGLE
COMMON CATHODE
SERIES
FIG.16
FIG.17
FIG.15
FIG.14
Note : 1.Mounted on min pad conditions using FR-4 PCB
SOT-23
Unit inch(mm)
0.120(3.04)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.070(1.80)
0.020(0.50)
0.013(0.35)
0.044(1.10)
0.035(0.90)
0.008(0.20)
0.003(0.08)
0.004(0.10)
0.000(0.00)
FEATURES
• Fast switching speed
• Surface mount package ideally suited for automatic insertion
Electrical identical standard JEDEC
• Acqire quality system certificate : TS16949
• AEC-Q101 qualified
• Lead free in comply with EU RoHS 2002/95/EC directives.
Green molding compound as per IEC61249 Std. . (Halogen Free)
BAS70-AU
BAS70C-AU BAS70S-AU
Units


Similar Part No. - BAS70-AU_FD_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS70-AU PANJIT-BAS70-AU_16 Datasheet
256Kb / 6P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70-AU_R1_000A1 PANJIT-BAS70-AU_R1_000A1 Datasheet
256Kb / 6P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70-AU_R1_000A1 PANJIT-BAS70-AU_R1_000A1 Datasheet
197Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
July 26,2019-REV.06
BAS70-AU_R2_000A1 PANJIT-BAS70-AU_R2_000A1 Datasheet
256Kb / 6P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70-AU PANJIT-BAS70-AU_V01 Datasheet
197Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
July 26,2019-REV.06
More results

Similar Description - BAS70-AU_FD_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS40-AU PANJIT-BAS40-AU Datasheet
272Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES Fast switching speed
BAS16-AU PANJIT-BAS16-AU Datasheet
452Kb / 5P
   SURFACE MOUNT SWITCHING DIODES Fast switching speed
BAW56W-AU PANJIT-BAW56W-AU Datasheet
300Kb / 5P
   SURFACE MOUNT SWITCHING DIODES Fast switching speed
BAW56-AU PANJIT-BAW56-AU Datasheet
248Kb / 5P
   SURFACE MOUNT SWITCHING DIODES Fast switching speed
logo
Shenzhen Luguang Electr...
BAV99DW LUGUANG-BAV99DW Datasheet
312Kb / 2P
   Surface Mount Fast Switching Diodes
logo
Pan Jit International I...
LL4148 PANJIT-LL4148_09 Datasheet
89Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
LS4150 PANJIT-LS4150 Datasheet
90Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
logo
Galaxy Semi-Conductor H...
BAV99BRW BILIN-BAV99BRW_17 Datasheet
119Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99S BILIN-BAV99S_17 Datasheet
121Kb / 3P
   Surface Mount Fast Switching Diodes
BAW56DW BILIN-BAW56DW_17 Datasheet
116Kb / 3P
   Surface Mount Fast Switching Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com