Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS116-AU_BD_10001 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BAS116-AU_BD_10001
Description  SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS116-AU_BD_10001 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BAS116-AU_BD_10001 Datasheet HTML 1Page - Pan Jit International Inc. BAS116-AU_BD_10001 Datasheet HTML 2Page - Pan Jit International Inc. BAS116-AU_BD_10001 Datasheet HTML 3Page - Pan Jit International Inc. BAS116-AU_BD_10001 Datasheet HTML 4Page - Pan Jit International Inc. BAS116-AU_BD_10001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
STAD-DEC.07.2007
Fig. 1-Reverse Leakage vs. Junction Temperature
Fig. 3- Total capacitance vs. Reverse Voltage
Fig. 2-Forward Current vs. Forward Voltage
Tj, Junction Temperature (Deg C)
V , Forward Voltage (V)
F
V , Reverse Voltage ( V)
R
0
0.001
0.01
0.1
1.0
10
50
100
150
200
V =75V
R
T =-25 C
A
O
T=25 C
A
O
T=125 C
A
O
0.2
0.1
1.0
10
100
1000
0.4
0.6
0.8
1.0
1.2
T=75 C
A
O
CHARACTERISTIC CURVES (each diode)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
20406080
100
ELECTRICAL CHARACTERISTICS (each diode) (TA=25OC, unless otherwise noted)
s
V
F
s
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Sn
o
it
i
d
n
o
C
t
s
e
T.
N
I
M.
P
Y
T.
X
A
M
ti
n
U
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV (BR)
IR
0
0
1
=uA
7
t
n
e
r
r
u
C
e
s
r
e
v
e
RI R
V R
5
7
=V
V R
5
7
=T
,
V J
0
5
1
=
O
C
2
0
0
.
0
0
.
8
5
0
8
A
n
e
g
a
tl
o
V
d
r
a
w
r
o
FV F
IF 1
=mA
IF
0
1
=mA
IF
0
5
=mA
IF
0
5
1
=mA
9
.
0
0
.
1
1
.
1
5
2
.
1
V
e
c
n
a
ti
c
a
p
a
C
l
a
t
o
TC
J
V R 0
=,
Vf
H
M
1
=
Z
0
.
2
p
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
Rt
r
r
IF I
= R
0
1
=m ,
ARL
0
0
1
=
0
.
3
u
5
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
BAS116-AU/BAW156-AU/BAV170-AU/BAV199-AU


Similar Part No. - BAS116-AU_BD_10001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS116-13-F DIODES-BAS116-13-F Datasheet
94Kb / 4P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAS116-13-F DIODES-BAS116-13-F Datasheet
83Kb / 4P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAS116-13-F DIODES-BAS116-13-F Datasheet
281Kb / 4P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAS116-7-F DIODES-BAS116-7-F Datasheet
344Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
DS30233 Rev. 7 - 2
BAS116-7-F DIODES-BAS116-7-F Datasheet
116Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 9 - 2 May 2008
More results

Similar Description - BAS116-AU_BD_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS116 PANJIT-BAS116_15 Datasheet
132Kb / 5P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116W PANJIT-BAS116W Datasheet
56Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116 PANJIT-BAS116_07 Datasheet
142Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116W PANJIT-BAS116W_08 Datasheet
145Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116TW PANJIT-BAS116TW_16 Datasheet
167Kb / 5P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116 PANJIT-BAS116 Datasheet
96Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116TW PANJIT-BAS116TW Datasheet
146Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAV199S PANJIT-BAV199S Datasheet
123Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES ARRAY
BAV199S PANJIT-BAV199S_04 Datasheet
47Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES ARRAY
logo
Central Semiconductor C...
CMSD6001 CENTRAL-CMSD6001 Datasheet
672Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com