Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAW156-AU_R0_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BAW156-AU_R0_00001
Description  SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAW156-AU_R0_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BAW156-AU_R0_00001 Datasheet HTML 1Page - Pan Jit International Inc. BAW156-AU_R0_00001 Datasheet HTML 2Page - Pan Jit International Inc. BAW156-AU_R0_00001 Datasheet HTML 3Page - Pan Jit International Inc. BAW156-AU_R0_00001 Datasheet HTML 4Page - Pan Jit International Inc. BAW156-AU_R0_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
STAD-DEC.07.2007
BAS116-AU/BAW156-AU/BAV170-AU/BAV199-AU
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
VOLTAGE
100 Volts
250mWatts
MECHANICAL
• Case: SOT-23 plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx weight: 0.0084 grams
• Marking: BAS116-AU: PA,BAW156-AU:P4,BAV170-AU:P3,BAV199-AU:PB
DATA
POWER
ABSOLUTE RATINGS (each diode)
NOTE:
1. FR-4 Board = 70 x 60 x 1mm.
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
V R
5
7V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
V RM
0
0
1V
t
n
e
r
r
u
C
d
r
a
w
r
o
F
s
u
o
u
n
i
t
n
o
C
I F
2
.
0A
s
u
0
.
1
=
t
t
a
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
e
v
i
t
i
t
e
p
e
r
-
n
o
N
I FSM
0
.
4A
THERMALCHARACTERISTICS
SERIES
SINGLE
COMMON ANODE
COMMON CATHODE
BAS116
BAV199
BAV170
BAW156
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
)
1
e
t
o
N
(
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
P TOT
0
5
2W
m
)
1
e
t
o
N
(
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
JA
0
0
5
O
W
/
C
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
TJ
0
5
1
o
t
5
5
-
O
C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
TSTG
0
5
1
o
t
5
5
-
O
C
SOT-23
Unit inch(mm)
0.120(3.04)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.070(1.80)
0.020(0.50)
0.013(0.35)
0.044(1.10)
0.035(0.90)
0.008(0.20)
0.003(0.08)
0.004(0.10)
0.000(0.00)
FEATURES
• Suface mount package ideally suited for automatic insertion.
• Very low leakage current. 2pA typical at VR=75V.
• Low capacitance. 2pF max at VR=0V, f=1MHz
• Acqire quality system certificate : TS16949
• AEC-Q101 qualified
• Lead free in comply with EU RoHS 2002/95/EC directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)


Similar Part No. - BAW156-AU_R0_00001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAW156-13-F DIODES-BAW156-13-F Datasheet
85Kb / 4P
   DUAL SURFACE MOUNT LOW LEAKAGE DIODE
BAW156-7-F DIODES-BAW156-7-F Datasheet
351Kb / 3P
   DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30231 Rev. 8 - 2
BAW156-7-F DIODES-BAW156-7-F Datasheet
114Kb / 3P
   DUAL SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 9 - 2 March 2008
BAW156-7-F DIODES-BAW156-7-F Datasheet
85Kb / 4P
   DUAL SURFACE MOUNT LOW LEAKAGE DIODE
More results

Similar Description - BAW156-AU_R0_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS116 PANJIT-BAS116_15 Datasheet
132Kb / 5P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116W PANJIT-BAS116W Datasheet
56Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116 PANJIT-BAS116_07 Datasheet
142Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116W PANJIT-BAS116W_08 Datasheet
145Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116TW PANJIT-BAS116TW_16 Datasheet
167Kb / 5P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116 PANJIT-BAS116 Datasheet
96Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116TW PANJIT-BAS116TW Datasheet
146Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAV199S PANJIT-BAV199S Datasheet
123Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES ARRAY
BAV199S PANJIT-BAV199S_04 Datasheet
47Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES ARRAY
logo
Central Semiconductor C...
CMSD6001 CENTRAL-CMSD6001 Datasheet
672Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com