Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA3505 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # KA3505
Description  PC SMPS Supervisory IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3505 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button KA3505 Datasheet HTML 6Page - Fairchild Semiconductor KA3505 Datasheet HTML 7Page - Fairchild Semiconductor KA3505 Datasheet HTML 8Page - Fairchild Semiconductor KA3505 Datasheet HTML 9Page - Fairchild Semiconductor KA3505 Datasheet HTML 10Page - Fairchild Semiconductor KA3505 Datasheet HTML 11Page - Fairchild Semiconductor KA3505 Datasheet HTML 12Page - Fairchild Semiconductor KA3505 Datasheet HTML 13Page - Fairchild Semiconductor KA3505 Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
KA3505
11
Current Mode Application Schematic
KA3505
KA38XX
AC Input
FUSE
-+
C1
220uF
M1
R1
0.27Ω
D1
D2
L1
C2
1000uF
L4
C8
1000uF
D3
D4
L2
C3
1000uF
C9
1000uF
L5
D6
C4
1000uF
D5
L3
C10
1000uF
L6
TL431
R10
R5
R6
C5
1uF
C6
1uF
C7
1uF
R2
R3
R4
C11
0.1uF
R7
R8
C12
2.2uF
R9
62
ΚΩ
C13
0.47uF
R13
10
ΚΩ
C14
10nF
R14
10
ΚΩ
R15
330
R12
C15
R11
Q1
D7
R15
R16
Vcc
+5Vsb
+5Vsb
POWER GOOD
REMOTE ON/OFF
KA3505
KA38XX
AC Input
FUSE
-+
C1
220uF
M1
R1
0.27Ω
D1
D2
L1
C2
1000uF
L4
C8
1000uF
D3
D4
L2
C3
1000uF
C9
1000uF
L5
D6
C4
1000uF
D5
L3
C10
1000uF
L6
TL431
R10
R5
R6
C5
1uF
C6
1uF
C7
1uF
R2
R3
R4
C11
0.1uF
R7
R8
C12
2.2uF
R9
62
ΚΩ
C13
0.47uF
R13
10
ΚΩ
C14
10nF
R14
10
ΚΩ
R15
330
R12
C15
R11
Q1
D7
R15
R16
Vcc
+5Vsb
+5Vsb
POWER GOOD
REMOTE ON/OFF


Similar Part No. - KA3505

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
KA3501 FAIRCHILD-KA3501 Datasheet
41Kb / 6P
   PC SMPS Supervisory IC
KA3502 FAIRCHILD-KA3502 Datasheet
89Kb / 14P
   PC SMPS Supervisory IC
KA3504 FAIRCHILD-KA3504 Datasheet
207Kb / 12P
   PC SMPS Supervisory IC
More results

Similar Description - KA3505

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3504 FAIRCHILD-KA3504 Datasheet
207Kb / 12P
   PC SMPS Supervisory IC
KA3502 FAIRCHILD-KA3502 Datasheet
89Kb / 14P
   PC SMPS Supervisory IC
KA3501 FAIRCHILD-KA3501 Datasheet
41Kb / 6P
   PC SMPS Supervisory IC
FAN3506 FAIRCHILD-FAN3506 Datasheet
191Kb / 16P
   PC SMPS Secondary Side Control IC
logo
ON Semiconductor
NCP4350 ONSEMI-NCP4350 Datasheet
139Kb / 10P
   Supervisory IC
September, 2007 - Rev. 0
logo
Sanken electric
STR-F6600 SANKEN-STR-F6600 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
STR-F6612 SANKEN-STR-F6612 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
logo
Anpec Electronics Corop...
APL6536 ANPEC-APL6536 Datasheet
181Kb / 13P
   Four-Channel Supervisory IC
logo
Renesas Technology Corp
ISL6536 RENESAS-ISL6536 Datasheet
467Kb / 7P
   Four Channel Supervisory IC
logo
Intersil Corporation
ISL6536A INTERSIL-ISL6536A Datasheet
134Kb / 6P
   Four Channel Supervisory IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com