Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA3505 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KA3505
Description  PC SMPS Supervisory IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3505 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KA3505 Datasheet HTML 1Page - Fairchild Semiconductor KA3505 Datasheet HTML 2Page - Fairchild Semiconductor KA3505 Datasheet HTML 3Page - Fairchild Semiconductor KA3505 Datasheet HTML 4Page - Fairchild Semiconductor KA3505 Datasheet HTML 5Page - Fairchild Semiconductor KA3505 Datasheet HTML 6Page - Fairchild Semiconductor KA3505 Datasheet HTML 7Page - Fairchild Semiconductor KA3505 Datasheet HTML 8Page - Fairchild Semiconductor KA3505 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
KA3505
2
Internal Block Diagram
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
15 ~ 30
V
Input Voltage
Vinput
30
V
FPO Voltage
VFPO
30
V
FPO Maximum Current
IFPO
20
mA
Operating Temperature
Topr
-25 ~ +85
°C
Storage Temperature Range
Tstg
-65 ~ +150
°C
Power Dissipation
PD
1W
TPROT
IS12
IS33
RI
IS5
PSON
GND
PGO
TPG
TPSON
3
2
1
VS33
VS5 VS12
R
S
Q
15
14
COMP1
COMP2
COMP3
16
1.4V
COMP5
7
COMP4
FPO
12
Q1
9
PGI
Q2
Q3
COMP8
COMP7
10
4
6
8
5
Vcc
OVP
Detector
UVP
Detector
COMP6
VBG =1.25V
Vref
RI=62KΩ
Iref(20µA)
11
Iref
5
(100
µA)
Iref
5
(100
µA)
Iref
5
(100
µA)
On/Of f Delay
Con t rol
Vref
Vref
Start Up
Bandgap
Reference
Internal
Bias
1.8~ 0.6V
1.8~ 0.6V
1.25V
1.8 ~ 0.6V
UVP Det ector
Output
ICHG(PROT)=20
µA
ICHG(PG)=15
µA
13
×
×
×
TPROT
IS12
IS33
RI
IS5
PSON
GND
PGO
TPG
TPSON
3
2
1
VS33
VS5 VS12
R
S
Q
15
14
COMP1
COMP2
COMP3
16
1.4V
COMP5
7
COMP4
FPO
12
Q1
9
PGI
Q2
Q3
COMP8
COMP7
10
4
6
8
5
Vcc
OVP
Detector
UVP
Detector
COMP6
VBG =1.25V
Vref
RI=62KΩ
Iref(20µA)
11
Iref
5
(100
µA)
Iref
5
(100
µA)
Iref
5
(100
µA)
On/Of f Delay
Con t rol
Vref
Vref
Start Up
Bandgap
Reference
Internal
Bias
1.8~ 0.6V
1.8~ 0.6V
1.25V
1.8 ~ 0.6V
UVP Det ector
Output
ICHG(PROT)=20
µA
ICHG(PG)=15
µA
13
×
×
×


Similar Part No. - KA3505

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
KA3501 FAIRCHILD-KA3501 Datasheet
41Kb / 6P
   PC SMPS Supervisory IC
KA3502 FAIRCHILD-KA3502 Datasheet
89Kb / 14P
   PC SMPS Supervisory IC
KA3504 FAIRCHILD-KA3504 Datasheet
207Kb / 12P
   PC SMPS Supervisory IC
More results

Similar Description - KA3505

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3504 FAIRCHILD-KA3504 Datasheet
207Kb / 12P
   PC SMPS Supervisory IC
KA3502 FAIRCHILD-KA3502 Datasheet
89Kb / 14P
   PC SMPS Supervisory IC
KA3501 FAIRCHILD-KA3501 Datasheet
41Kb / 6P
   PC SMPS Supervisory IC
FAN3506 FAIRCHILD-FAN3506 Datasheet
191Kb / 16P
   PC SMPS Secondary Side Control IC
logo
ON Semiconductor
NCP4350 ONSEMI-NCP4350 Datasheet
139Kb / 10P
   Supervisory IC
September, 2007 - Rev. 0
logo
Sanken electric
STR-F6600 SANKEN-STR-F6600 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
STR-F6612 SANKEN-STR-F6612 Datasheet
191Kb / 4P
   SMPS PRIMARY IC
logo
Anpec Electronics Corop...
APL6536 ANPEC-APL6536 Datasheet
181Kb / 13P
   Four-Channel Supervisory IC
logo
Renesas Technology Corp
ISL6536 RENESAS-ISL6536 Datasheet
467Kb / 7P
   Four Channel Supervisory IC
logo
Intersil Corporation
ISL6536A INTERSIL-ISL6536A Datasheet
134Kb / 6P
   Four Channel Supervisory IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com