Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA3525AD Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KA3525AD
Description  SMPS CONTROLLER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3525AD Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KA3525AD Datasheet HTML 1Page - Fairchild Semiconductor KA3525AD Datasheet HTML 2Page - Fairchild Semiconductor KA3525AD Datasheet HTML 3Page - Fairchild Semiconductor KA3525AD Datasheet HTML 4Page - Fairchild Semiconductor KA3525AD Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KA3525A
SMPS CONTROLLER
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 20V, TA = -35
Î to + 85Î, unless otherwise specified)
Characteristic
Symbol
Value
Unit
Supply Voltage
VCC
40
V
Collector Supply Voltage
VC
40
V
Output Current, Sink or Source
IO
500
mA
Reference Output Current
IREF
50
mA
Oscillator Charging Current
ICHG(OSC)
5mA
Power Dissipation (TA = 25
Î)
PD
1000
m/W
Operating Temperature
TOPR
0 ~ +70
Î
Storage Temperature
TSTG
-65 ~ +150
Î
Lead Temperature (Soldering, 10 sec)
TLEAD
+300
Î
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
REFERENCE SECTION
Reference Output Voltage
VREF
TJ = 25
Î
5.0
5.1
5.2
V
Line Regulation
LVREF
VCC = 8 to 35V
9
20
mV
Load Regulation
LVREF
IREF = 0 to 20mA
20
50
mV
Short Circuit Output Current
ISC
VREF = 0, TJ = 25
Î
80
100
mA
Total Output Variation (Note 1)
LVREF
Line, Load and Temperature
4.95
5.25
V
Temperature Stability (Note 1)
STT
20
50
mV
Long Term Stability (Note 1)
ST
TJ = 125
Î, 1 KHRS
20
50
mV
OSCILLATOR SECTION
Initial Accuracy (Note 1, 2)
ACCUR
TJ = 25
Î
ä3
ä6
%
Frequency Change With Voltage
Lf/LVCC
VCC = 8 to 35V (Note 1, 2)
ä0.8
ä2
%
Maximum Frequency
f(MAX)
RT = 2K
`, CT = 470pF
400
430
KHz
Minimum Frequency
f(MIN)
RT = 200K
`, CT = 0.1sF
60
120
Hz
Clock Amplitude (Note 1, 2)
V(CLK)
34
V
Clock Width (Note 1, 2)
tW(CLK)
TJ = 25
Î
0.3
0.6
1
ss
Sync Threshold
VTH(SYNC)
1.222.8
V
Sync Input Current
II(SYNC)
Sync = 3.5V
1.3
2.5
mA


Similar Part No. - KA3525AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
logo
List of Unclassifed Man...
KA3525A ETC2-KA3525A Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - KA3525AD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
   SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com