Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9176403V3A Datasheet(PDF) 5 Page - Analog Devices

Part # 5962-9176403V3A
Description  MICROCIRCUIT, DIGITAL-LINEAR, 12-BIT, QUAD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5962-9176403V3A Datasheet(HTML) 5 Page - Analog Devices

  5962-9176403V3A Datasheet HTML 1Page - Analog Devices 5962-9176403V3A Datasheet HTML 2Page - Analog Devices 5962-9176403V3A Datasheet HTML 3Page - Analog Devices 5962-9176403V3A Datasheet HTML 4Page - Analog Devices 5962-9176403V3A Datasheet HTML 5Page - Analog Devices 5962-9176403V3A Datasheet HTML 6Page - Analog Devices 5962-9176403V3A Datasheet HTML 7Page - Analog Devices 5962-9176403V3A Datasheet HTML 8Page - Analog Devices 5962-9176403V3A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-91764
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
B
SHEET
5
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics.
Test
Symbol
Conditions 1/
-55
°C ≤ TA ≤ +125°C
unless otherwise specified
Group A
subgroups
Device
type
Limits
Unit
Min
Max
Integral linearity
INL
1, 2, 3
01, 03
-0.75
+0.75
LSB
02, 04
-1.5
+1.5
Differential linearity
DNL
1, 2, 3
All
-1.0
+1.0
LSB
Minimum scale error
VZSE
RL ≥ 2 kΩ
1, 2, 3
All
-2.0
+2.0
LSB
Full scale error
VFSE
RL ≥ 2 kΩ
1, 2, 3
All
-2.0
+2.0
LSB
Linearity matching
TA = +25°C
1
All
-1.0
+1.0
LSB
Minimum scale offset
matching
TA = +25°C
1
All
-1.0
+1.0
LSB
Full scale offset
matching
TA = +25°C
1
All
-2.0
+2.0
LSB
Reference input current
IREFH
Code 555H & 000H
1, 2, 3
All
-2.75
+2.75
mA
IREFL
0
+2.75
Output voltage swing
VOUT
(MIN)
RL = 2 kΩ
1, 2, 3
All
-10.0098
-9.9902
V
VOUT
(MAX)
+9.9853
+10.0048
Logic input high voltage
VINH
1, 2, 3
All
2.4
V
Logic input low voltage
VINL
1, 2, 3
All
0.8
V
Logic output high voltage
VOH
IOH = +0.4 mA
1, 2, 3
All
2.4
V
Logic output low voltage
VOL
IOL = -1.6 mA
1, 2, 3
All
0.4
V
Logic input current
IIN
VIN = 0 V or + 5 V
1, 2, 3
All
10
µA
Power supply sensitivity
PSS
14.25 V
≤ VDD ≤ 15.75 V
1, 2, 3
All
150
ppm/V
See footnotes at end of table.


Similar Part No. - 5962-9176403V3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9176301QEA TI-5962-9176301QEA Datasheet
246Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
5962-9176301QEA TI1-5962-9176301QEA Datasheet
257Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
More results

Similar Description - 5962-9176403V3A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OP09EY ETC2-OP09EY Datasheet
66Kb / 10P
   MICROCIRCUIT, LINEAR, QUAD, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
AD871SD ETC2-AD871SD Datasheet
54Kb / 12P
   MICROCIRCUIT, LINEAR, A/D CONVERTER, 12-BIT, 5 MSPS, MONOLITHIC SILICON
AD7890AN ETC2-AD7890AN Datasheet
117Kb / 17P
   MICROCIRCUIT, LINEAR, 8-CHANNEL, 12-BIT SERIAL, DATA ACQUISITION SYSTEM, MONOLITHIC SILICON
AD677JRZ ETC2-AD677JRZ Datasheet
149Kb / 12P
   MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
AD677KNZ ETC2-AD677KNZ Datasheet
149Kb / 12P
   MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
logo
Analog Devices
AD677JNZ AD-AD677JNZ Datasheet
72Kb / 12P
   MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
APR 97
logo
List of Unclassifed Man...
AD625KNZ ETC2-AD625KNZ Datasheet
115Kb / 11P
   MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MONOLITHIC SILICON
logo
Burr-Brown (TI)
DAC4813 BURR-BROWN-DAC4813 Datasheet
213Kb / 8P
   QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
logo
Solitron Devices Inc.
SDP7812A SOLITRON-SDP7812A Datasheet
137Kb / 13P
   MICROCIRCUIT, LINEAR, VOLTAGE REGULATOR, 12 VOLT, POSITIVE, FIXED, MONOLITHIC SILICON
logo
List of Unclassifed Man...
5962R0051701VCA ETC-5962R0051701VCA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL, PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com