Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16300 Datasheet(PDF) 4 Page - Analog Devices

Part # ADIS16300
Description  Evaluation Board User Guide
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16300 Datasheet(HTML) 4 Page - Analog Devices

  ADIS16300 Datasheet HTML 1Page - Analog Devices ADIS16300 Datasheet HTML 2Page - Analog Devices ADIS16300 Datasheet HTML 3Page - Analog Devices ADIS16300 Datasheet HTML 4Page - Analog Devices ADIS16300 Datasheet HTML 5Page - Analog Devices ADIS16300 Datasheet HTML 6Page - Analog Devices ADIS16300 Datasheet HTML 7Page - Analog Devices ADIS16300 Datasheet HTML 8Page - Analog Devices ADIS16300 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
UG-287
Evaluation Board User Guide
Rev. B | Page 4 of 12
Table 1. Mating Connector and Mounting Hole Identifiers
Product
Mating Connector
Mounting Holes
JP1
Machine Screws
ADIS16003/PCBZ
J1
A
+5 V
M2 × 0.4 mm × 6 mm
ADIS16006/PCBZ
J1
A
+5 V
M2 × 0.4 mm × 6 mm
ADIS16133BMLZ
J4
C
+5V
M2 × 0.4 mm × 20 mm1
ADIS16135BMLZ
J4
C
+5V
M2 × 0.4 mm × 20 mm1
ADIS16136AMLZ
J4
C
+5V
M2 × 0.4 mm × 20 mm1
ADIS16201/PCBZ
J1
A
+3.3 V
M2 × 0.4 mm × 6 mm
ADIS16203/PCBZ
J1
A
+3.3 V
M2 × 0.4 mm × 6 mm
ADIS16204/PCBZ
J1
A
+3.3 V
M2 × 0.4 mm × 6 mm
ADIS16209/PCBZ
J1
A
+3.3 V
M2 × 0.4 mm × 6 mm
ADIS16210/PCBZ
J1
A, B
+3.3 V
M2 × 0.4 mm × 6 mm
ADIS16220/PCBZ
J1
A
+3.3 V
M2 × 0.4 mm × 6 mm
ADIS16223/PCBZ
J1
A, B
+3.3 V
M2 × 0.4 mm × 6 mm
ADIS16227/PCBZ
J1
A, B
+3.3 V
M2 × 0.4 mm × 6 mm
ADIS16228/PCBZ
J1
A, B
+3.3 V
M2 × 0.4 mm × 6 mm
ADIS16240/PCBZ
J1
A
+3.3 V
M2 × 0.4 mm × 6 mm
ADIS16260/PCBZ
J1
A
+5 V
M2 × 0.4 mm × 6 mm
ADIS16265/PCBZ
J1
A
+5 V
M2 × 0.4 mm × 6 mm
ADIS16266/PCBZ
J1
A
+5 V
M2 × 0.4 mm × 6 mm
ADIS16300/PCBZ
J4
B
+5 V
M2 × 0.4 mm × 12 mm
ADIS16305/PCBZ
J4
B
+5 V
M2 × 0.4 mm × 12 mm
ADIS16334/PCBZ
J4
D
+5 V
M2 × 0.4 mm × 12 mm
ADIS16360BMLZ
J4
G
+5 V
M2 × 0.4 mm × 6 mm
ADIS16362BMLZ
J4
G
+5 V
M2 × 0.4 mm × 6 mm
ADIS16364BMLZ
J4
G
+5 V
M2 × 0.4 mm × 6 mm
ADIS16365BMLZ
J4
G
+5 V
M2 × 0.4 mm × 6 mm
ADIS16367BMLZ
J4
G
+5 V
M2 × 0.4 mm × 6 mm
ADIS16375BMLZ
J4
F
+3.3 V
M2 × 0.4 mm × 20 mm1
ADIS16400BMLZ
J4
G
+5 V
M2 × 0.4 mm × 6 mm
ADIS16405BMLZ
J4
G
+5 V
M2 × 0.4 mm × 6 mm
ADIS16407BMLZ
J4
G
+5 V
M2 × 0.4 mm × 6 mm
ADIS16445/PCBZ
J4
E
+3.3 V
M2 × 0.4 mm × 12 mm
ADIS16448/PCBZ
J4
E
+3.3 V
M2 × 0.4 mm × 12 mm
ADIS16480AMLZ
J4
F
+3.3 V
M2 × 0.4 mm × 20 mm1
ADIS16485AMLZ
J4
F
+3.3 V
M2 × 0.4 mm × 20 mm1
ADIS16488AMLZ
J4
F
+3.3 V
M2 × 0.4 mm × 20 mm1
1
May need to trim length or use M2 × 0.4 mm × 16 mm machine screws to maintain a flush bottom-side surface.


Similar Part No. - ADIS16300

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16300 AD-ADIS16300 Datasheet
491Kb / 16P
   Four Degrees of Freedom Inertial Sensor
REV. 0
ADIS16300/PCBZ AD-ADIS16300/PCBZ Datasheet
491Kb / 16P
   Four Degrees of Freedom Inertial Sensor
REV. 0
ADIS16300AMLZ AD-ADIS16300AMLZ Datasheet
491Kb / 16P
   Four Degrees of Freedom Inertial Sensor
REV. 0
ADIS16300AMLZ AD-ADIS16300AMLZ Datasheet
1Mb / 15P
   iSensor PC-USB Evaluation System
Rev. PrA
More results

Similar Description - ADIS16300

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-1121 AD-UG-1121 Datasheet
196Kb / 7P
   Evaluation Board User Guide
Rev. 0
UG-128 AD-UG-128 Datasheet
225Kb / 8P
   Evaluation Board User Guide
REV. B
UG-272 AD-UG-272 Datasheet
558Kb / 12P
   Evaluation Board User Guide
REV. A
UG-486 AD-UG-486 Datasheet
532Kb / 8P
   Evaluation Board User Guide
REV. 0
UG-317 AD-UG-317 Datasheet
568Kb / 12P
   Evaluation Board User Guide
REV. 0
logo
International Rectifier
IRDC3138EVAL IRF-IRDC3138EVAL Datasheet
541Kb / 6P
   EVALUATION BOARD USER GUIDE
IRDC3046 IRF-IRDC3046 Datasheet
164Kb / 7P
   IRU3046 EVALUATION BOARD USER GUIDE
IRDC3146EVAL IRF-IRDC3146EVAL Datasheet
1Mb / 15P
   IRU3146 EVALUATION BOARD USER GUIDE
logo
Intersil Corporation
ISL282X7SOICEVAL2Z INTERSIL-ISL282X7SOICEVAL2Z Datasheet
252Kb / 4P
   Evaluation Board User?셲 Guide
ISL281X7MSOPEVAL1Z INTERSIL-ISL281X7MSOPEVAL1Z Datasheet
254Kb / 4P
   Evaluation Board User?셲 Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com