Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD15HC5WEFJ-E2 Datasheet(PDF) 1 Page - Rohm

Part # BD15HC5WEFJ-E2
Description  1.5A Variable Fixed Output LDO Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD15HC5WEFJ-E2 Datasheet(HTML) 1 Page - Rohm

  BD15HC5WEFJ-E2 Datasheet HTML 1Page - Rohm BD15HC5WEFJ-E2 Datasheet HTML 2Page - Rohm BD15HC5WEFJ-E2 Datasheet HTML 3Page - Rohm BD15HC5WEFJ-E2 Datasheet HTML 4Page - Rohm BD15HC5WEFJ-E2 Datasheet HTML 5Page - Rohm BD15HC5WEFJ-E2 Datasheet HTML 6Page - Rohm BD15HC5WEFJ-E2 Datasheet HTML 7Page - Rohm BD15HC5WEFJ-E2 Datasheet HTML 8Page - Rohm BD15HC5WEFJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
1/19
TSZ02201-0R6R0A600210-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・14・001
27.Dec.2012 Rev.002
Datasheet
HTSOP-J8
1.5A Variable / Fixed Output
LDO Regulators
BDxxHC5WEFJ
●General Description
BDxxHC5WEFJ series devices are LDO regulators with an output current of 1.5A. The output accuracy is ±1% of the output
voltage. Both fixed and variable output voltage devices are available. The output voltage of the variable output voltage
device can be varied from 1.5 to 7.0V using external resistors. Various fixed output voltage devices that do not use external
resistors are also available. It can be used for a wide range of digital appliance applications. It has a small package type:
HTSOP-J8 (4.90mm x 6.00mm x 1.00mm). These devices have built in over current protection to protect the device when
output is shorted, 0µA shutdown mode and thermal shutdown circuit to protect the device during over load conditions.
These LDO regulators are usable with ceramic capacitors that enable a smaller layout and longer life.
●Features
■ +/-1% output voltage accuracy
■ Built-in Over Current Protection (OCP)
■ Built-in Thermal Shut Down circuit (TSD)
■ Zero µA Shutdown mode
●Key Specifications
Input Power Supply Voltage range:
4.5V to 8.0V
Output voltage range(Variable type):
1.5V to 7.0V
Output voltage(Fixed type):
1.5V/1.8V/2.5V/3.0V /3.3V/5.0V/6.0V/7.0V
Output current:
1.5A (Max.)
Shutdown current:
0
μA(Typ.)
Operating temperature range:
-25℃ to +85℃
●Package
(Typ.)
(Typ.)
(Max.)
HTSOP-J8
4.90mm x 6.00mm x 1.00mm
●Typical Application Circuit
VO
VCC
EN
GND
FIN
VO_S
COUT
CIN
CIN,COUT : Ceramic Capacitor
R1
VO
VCC
EN
GND
FIN
R2
FB
COUT
CIN
CIN,COUT : Ceramic Capacitor
Output voltage variable type
Output voltage fixed type


Similar Part No. - BD15HC5WEFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD15HC5WEFJ-E2 ROHM-BD15HC5WEFJ-E2 Datasheet
494Kb / 22P
   1.5A Variable / Fixed Output LDO Regulators
More results

Similar Description - BD15HC5WEFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00HC5WEFJ ROHM-BD00HC5WEFJ_13 Datasheet
494Kb / 22P
   1.5A Variable / Fixed Output LDO Regulators
BA15JC5T ROHM-BA15JC5T Datasheet
430Kb / 16P
   1.5A Variable/Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_12 Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
   300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
BDXXGA5WEFJ ROHM-BDXXGA5WEFJ Datasheet
565Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
7.Feb.2013 Rev.002
BD00GA5WEFJ-E2 ROHM-BD00GA5WEFJ-E2 Datasheet
510Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
BA33E00WHFP-TR ROHM-BA33E00WHFP-TR Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com