Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD33HC5WEFJ-E2 Datasheet(PDF) 5 Page - Rohm

Part # BD33HC5WEFJ-E2
Description  1.5A Variable Fixed Output LDO Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD33HC5WEFJ-E2 Datasheet(HTML) 5 Page - Rohm

  BD33HC5WEFJ-E2 Datasheet HTML 1Page - Rohm BD33HC5WEFJ-E2 Datasheet HTML 2Page - Rohm BD33HC5WEFJ-E2 Datasheet HTML 3Page - Rohm BD33HC5WEFJ-E2 Datasheet HTML 4Page - Rohm BD33HC5WEFJ-E2 Datasheet HTML 5Page - Rohm BD33HC5WEFJ-E2 Datasheet HTML 6Page - Rohm BD33HC5WEFJ-E2 Datasheet HTML 7Page - Rohm BD33HC5WEFJ-E2 Datasheet HTML 8Page - Rohm BD33HC5WEFJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5/19
BDxxHC5WEFJ
Datasheet
TSZ02201-0R6R0A600210-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
27.Dec.2012 Rev.002
●Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Power supply voltage
VCC
10.0 *
1
V
EN voltage
VEN
10.0
V
Power dissipation
HTSOP-J8
Pd
*2
2110
*2
mW
Operating Temperature Range
Topr
-25 to +85
Storage Temperature Range
Tstg
-55 to +150
Junction Temperature
Tjmax
+150
*1 Not to exceed Pd
*2 Reduced by 16.9mW/℃ for each increase in Ta of 1℃ over 25℃. (when mounted on a board 70mm×70mm×1.6mm glass-epoxy board, two layer)
●Recommended Operating Ratings (Ta=25℃)
Ratings
Parameter
Symbol
Min.
Max.
Unit
Input power supply voltage
VCC
4.5
8.0
V
EN voltage
VEN
0.0
8.0
V
Output voltage setting range
VO
1.5
7.0
V
Output current
IO
0.0
1.5
A
●Electrical Characteristics (Unless otherwise noted, Ta=25℃, EN=3V, VCC=6V, R1=43kΩ, R2=8.2kΩ)
Limits
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Circuit current at shutdown mode
ISD
-
0
5
µA
VEN=0V, OFF mode
Bias current
ICC
-
600
900
µA
Line regulation
Reg.I
-1
-
1
%
VCC=( VO+0.93V )→8.0V
Load regulation
Reg IO
-1.5
-
1.5
%
Io=0→1.5A
Minimum dropout voltage1
VCO1
-
0.12
0.19
V
VCC=5V, IO=300mA
Minimum dropout voltage2
VCO2
-
0.24
0.38
V
VCC=5V, IO=600mA
Minimum dropout voltage3
VCO3
-
0.36
0.56
V
VCC=5V, IO=900mA
Minimum dropout voltage4
VCO4
-
0.48
0.75
V
VCC=5V, IO=1.2A
Minimum dropout voltage5
VCO5
-
0.60
0.93
V
VCC=5V, IO=1.5A
Output reference voltage(Variable type)
VFB
0.792
0.800
0.808
V
IO=0A
Output voltage(Fixed type)
VO
VO×0.99
VO
VO×1.01
V
IO=0A
EN Low voltage
VEN (Low)
0
-
0.8
V
EN High voltage
VEN (High)
2.4
-
8.0
V
EN Bias current
IEN
1
3
9
µA


Similar Part No. - BD33HC5WEFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD33HC5WEFJ-E2 ROHM-BD33HC5WEFJ-E2 Datasheet
494Kb / 22P
   1.5A Variable / Fixed Output LDO Regulators
More results

Similar Description - BD33HC5WEFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00HC5WEFJ ROHM-BD00HC5WEFJ_13 Datasheet
494Kb / 22P
   1.5A Variable / Fixed Output LDO Regulators
BA15JC5T ROHM-BA15JC5T Datasheet
430Kb / 16P
   1.5A Variable/Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_12 Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
   300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
BDXXGA5WEFJ ROHM-BDXXGA5WEFJ Datasheet
565Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
7.Feb.2013 Rev.002
BD00GA5WEFJ-E2 ROHM-BD00GA5WEFJ-E2 Datasheet
510Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
BA33E00WHFP-TR ROHM-BA33E00WHFP-TR Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com