Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1965-35-A05 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 1965-35-A05
Description  50 Ohm Coaxial Surge Protector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

1965-35-A05 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  1965-35-A05 Datasheet HTML 1Page - Bourns Electronic Solutions 1965-35-A05 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
How to Order
REV. I 08/09
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
1965 Series – 50 Ohm Coaxial Surge Protector
DIMENSIONS:
MM
(INCHES)
24 6 8
105
102
103
106
107
108
109
1965-20
1965-35
1965-50
1965-60
2
4
6
8
Frequency (Hz)
Power
(Watts)
How to Order Connector Fittings
Part No.
Description
1965-xx-A00....... N(f) and N(f)
1965-xx-A01....... N(f) and N(m)
1965-xx-A04....... BNC(f) and BNC(f)
1965-xx-A05....... BNC(f) and BNC(m)
1965-xx-A12....... UHF(f) and UHF(f)
Note: Radio frequency and transmit power should be known. The above curves apply to systems with a VSWR of 1.2:1 or
less. Choose the protector whose curve lies first above the power-frequency coordinates of the radio system. For systems
with a VSWR in excess of 1.2:1, or for a more exact determination if desired, multiply the actual radio power by the expression
0.83[2xVSWR÷(1+VSWR)]2, and use this new power value to enter the graph.
Product Dimensions
41.0
(1.61)
5.3
(.209)
4.5
(.177)
DIA.
57.0
(2.24)
3.3
(0.13)
46
(1.81)
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - 1965-35-A05

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
1965-3-9 WINCHESTER-1965-3-9 Datasheet
91Kb / 1P
   BNC TRIAX PLUG
More results

Similar Description - 1965-35-A05

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
1965 BOURNS-1965 Datasheet
397Kb / 2P
   50 Ohm Coaxial Surge Protector
1965-XX-A00 BOURNS-1965-XX-A00 Datasheet
105Kb / 2P
   50 Ohm Coaxial Surge Protector
1740-15 BOURNS-1740-15 Datasheet
182Kb / 2P
   Coaxial Surge Protector
1740 BOURNS-1740 Datasheet
176Kb / 2P
   Coaxial Surge Protector
logo
List of Unclassifed Man...
P8AX ETC1-P8AX Datasheet
118Kb / 4P
   Gas Tube Coaxial Surge Protector
3C142B ETC2-3C142B Datasheet
112Kb / 1P
   50 OHM COAXIAL CABLE
311601 ETC2-311601 Datasheet
118Kb / 1P
   50 OHM COAXIAL CABLE
311901 ETC2-311901 Datasheet
119Kb / 1P
   50 OHM COAXIAL CABLE
421201 ETC2-421201 Datasheet
109Kb / 1P
   50 OHM COAXIAL CABLE
310801 ETC2-310801 Datasheet
120Kb / 1P
   50 OHM COAXIAL CABLE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com