Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA388X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KA388X
Description  SMPS CONTROLLER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA388X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA388X Datasheet HTML 1Page - Fairchild Semiconductor KA388X Datasheet HTML 2Page - Fairchild Semiconductor KA388X Datasheet HTML 3Page - Fairchild Semiconductor KA388X Datasheet HTML 4Page - Fairchild Semiconductor KA388X Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KA3882/3/4/5
SMPS CONTROLLER
CURRENT MODE PWM CONTROLLER
The KA3882/3/4/5 are fixed PWM controller for Off-Line and DC
to DC converter applications. The internal circuits include UVLO,
low start up current circuit, temperature compensated reference,
high gain error amplifier, current sensing comparator, and high
current totempole output for driving a POWER MOSFET. Also KA
3882/3/4/5 provide low start up current below 0.3mA and short
shutdown delay time typ. 100ns.
The KA3882 and KA3884 have UVLO threshold of 1 6V(on) and
8 SOP
10V(off).
The KA3883 and KA3885 are 8.4V(on) and 7.6V(off).
The KA3882 and KA3883 can operate within 100% duty cycle.
The KA3884 and KA3885 within 50% by using T Flip-Flop.
FEATURES
• Low Start Current 0.2mA (typ)
• Operating Range Up To 500KHz
• Cycle by Cycle Current Limiting
ORDERING INFORMATION
• Under Voltage Lock Out With Hysteresis
• Short Shutdown Delay Time: typ.100ns
• High Current Totempole Output
• Output Swing Limiting: 22V
BLOCK DIAGRAM
Device
Package
Operating Temperature
KA388X
8 DIP
0 ~ + 85
Î
KA388XD
8 SOP
0 ~ + 85
Î
8 DIP
©1999 Fairchild Semiconductor Corporation
Rev. B


Similar Part No. - KA388X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA388X SAMSUNG-KA388X Datasheet
98Kb / 5P
   CURRENT MODE PWM CONTROLLER
KA388XD SAMSUNG-KA388XD Datasheet
98Kb / 5P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - KA388X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
   SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com