Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3715 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # 2N3715
Description  EPITAXIAL-BASE TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N3715 Datasheet(HTML) 1 Page - Comset Semiconductor

  2N3715 Datasheet HTML 1Page - Comset Semiconductor 2N3715 Datasheet HTML 2Page - Comset Semiconductor 2N3715 Datasheet HTML 3Page - Comset Semiconductor 2N3715 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN 2N3713 – 2N3714 – 2N3715 – 2N3716
05/11/2012
COMSET SEMICONDUCTORS
1 | 4
E
EP
PIIT
TA
AX
XIIA
AL
L--B
BA
AS
SE
E T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S
The 2N3713, 2N3714, 2N3715 and 2N3716 are silicon epitaxial-base NPN power transistor in
Jedec TO-3 metal case. They are inteded for use in power linear and switching applications.
The complementary PNP types are 2N3789, 2N3790, 2N3791 and 2N3792 respectively.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCBO
Collector-BaseVoltage
IE = 0
2N3713
80
V
2N3715
2N3714
100
2N3716
VCEO
Collector-Emitter
Voltage
IB = 0
2N3713
60
V
2N3715
2N3714
80
2N3716
VEBO
Emitter-Base Voltage
IC = 0
7.0
V
IC
Collector Current
10
A
IB
Base Current
4.0
A
PD
Total Device Dissipation @ TC = 25°
150
W
TJ
Junction Temperature
-65 to +200
°C
TS
Storage Temperature
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJC
Thermal Resistance, Junction to Case (Max)
1.17
°C/W


Similar Part No. - 2N3715

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N3715 MOTOROLA-2N3715 Datasheet
272Kb / 6P
   10 AMPERE POWER TRANSISTORS SILICON NPN 60.80 VOLTS 150 WATTS
logo
Boca Semiconductor Corp...
2N3715 BOCA-2N3715 Datasheet
132Kb / 3P
   SILICON NPN POWER TRANSISTORS
logo
Microsemi Corporation
2N3715 MICROSEMI-2N3715 Datasheet
64Kb / 2P
   NPN HIGH POWER SILICON TRANSISTOR
logo
List of Unclassifed Man...
2N3715 ETC-2N3715 Datasheet
347Kb / 8P
   Power Transistors
logo
Inchange Semiconductor ...
2N3715 ISC-2N3715 Datasheet
42Kb / 2P
   isc Silicon NPN Power Transistors
More results

Similar Description - 2N3715

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
2N3789 COMSET-2N3789_12 Datasheet
82Kb / 4P
   EPITAXIAL-BASE TRANSISTORS
BDX20 COMSET-BDX20_12 Datasheet
75Kb / 3P
   SILICON TRANSISTORS EPITAXIAL BASE
BDX20 COMSET-BDX20 Datasheet
138Kb / 2P
   PNP SILICON TRANSISTORS EPITAXIAL BASE
logo
NXP Semiconductors
BD941 PHILIPS-BD941 Datasheet
331Kb / 7P
   SILICON EPITAXIAL BASE POWER TRANSISTORS
August 1991
logo
List of Unclassifed Man...
BDX20 ETC-BDX20 Datasheet
132Kb / 2P
   PNP SILICON TRANSISTORS EPITAXIAL BASE
logo
Comset Semiconductor
BD201 COMSET-BD201 Datasheet
193Kb / 3P
   SILCON EPITAXIAL-BASE POWER TRANSISTORS
logo
NXP Semiconductors
BD941F PHILIPS-BD941F Datasheet
289Kb / 6P
   SILICON EPITAXIAL BASE POWER TRANSISTORS
August 1991
logo
Comset Semiconductor
2N4901 COMSET-2N4901_12 Datasheet
84Kb / 3P
   PNP SILICON TRANSISTORS, EPITAXIAL BASE
BD201 COMSET-BD201_12 Datasheet
151Kb / 3P
   SILCON EPITAXIAL-BASE POWER TRANSISTORS
BD202 COMSET-BD202_12 Datasheet
151Kb / 3P
   SILCON EPITAXIAL-BASE POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com