Electronic Components Datasheet Search |
|
OD-669-850 Datasheet(PDF) 1 Page - OptoDiode Corp |
|
OD-669-850 Datasheet(HTML) 1 Page - OptoDiode Corp |
1 / 2 page 750 Mitchell Road, Newbury Park, California 91320 Phone: (805) 499-0335, Fax: (805) 499-8108 Email: sales@optodiode.com, Website: www.optodiode.com HIGH-POWER GaAlAs IRLED ILLUMINATOR OD-669-850 FEATURES • Ultra high optical output • 850nm IR illuminator • Very uniform optical beam • Standard 2-lead TO-66 electrically isolated package • Ideal for night vision illumination All surfaces are gold plated. Dimensions are nominal values in inches unless otherwise specified. Total Power Output, Po Peak Emission Wavelength, λP Spectral Bandwidth at 50%, Δλ Half Intensity Beam Angle, θ Forward Voltage, VF Reverse Breakdown Voltage, VR Rise Time Fall Time Power Dissipation1 Continuous Forward Current Peak Forward Current (10μs, 200Hz)2 Reverse Voltage Lead Soldering Temperature (1/16" from case for 10 sec) IF = 300mA IF = 50mA If = 300mA IR = 10μA 1250 850 40 120 14.4 30 200 200 16.2 mW nm nm Deg Volts Volts nsec nsec 6W 370mA 1A 5V 260°C ELECTRO-OPTICAL CHARACTERISTICS AT 25°C PARAMETERS TEST CONDITIONS MIN TYP MAX UNITS ABSOLUTE MAXIMUM RATINGS AT 25°C CASE 800 5 1Derate per Thermal Derating Curve above 25°C 2Derate linearly above 25°C Storage and Operating Temperature Range Maximum Junction Temperature Thermal Resistance, RTHJA Thermal Resistance, RTHJC -40°C to +100°C 100°C 60°C/W Typical 16°C/W Typical THERMAL PARAMETERS RoHS Revision June 23, 2013 |
Similar Part No. - OD-669-850 |
|
Similar Description - OD-669-850 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |