Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4030 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # 2N4030
Description  GENERAL PURPOSE AMPLIFIERS AND SWITCHES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N4030 Datasheet(HTML) 3 Page - Comset Semiconductor

  2N4030 Datasheet HTML 1Page - Comset Semiconductor 2N4030 Datasheet HTML 2Page - Comset Semiconductor 2N4030 Datasheet HTML 3Page - Comset Semiconductor 2N4030 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PNP 2N4030 – 2N4031 – 2N4032 – 2N4033
17/10/2012
COMSET SEMICONDUCTORS
3/4
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
hFE (*)
DC Current Gain
-IC = 100 µA, -VCE = 5 V
2N4030
30
-
-
-
2N4031
2N4032
75
-
-
2N4033
-IC = 100 mA, -VCE = 5V
2N4030
40
-
120
2N4031
2N4032
100
-
300
2N4033
-IC = 500 mA, -VCE = 5V
2N4030
25
-
-
2N4031
2N4032
70
-
-
2N4033
-IC = 1 A, -VCE = 5 V
2N4030
15
-
-
2N4031
10
-
-
2N4032
40
-
-
2N4033
25
-
-
-IC = 100 mA, -VCE = 5V
Tamb = -55°c
2N4030
15
-
-
2N4031
2N4032
40
-
-
2N4033
fT
Transition
Frequency
-IC = 50 mA, -VCE = 10 V
f = 100 MHZ
2N4030
100
-
400
MHZ
2N4031
2N4032
150
-
500
2N4033
CEBO
Emitter – base
Capacitance
IC = 0, -VEB = 0.5 V
f = 1 MHZ
-
-
110
pF
CCBO
Collector – base
Capacitance
IE = 0, -VCB = 10V
f = 1 MHZ
-
-
20
pF
tS
Storage times
-IC =500 mA, -VCC = 30V
-IB1 = -IB1 = 50 mA
-
-
350
ns
tf
Fall times
-IC =500 mA, -VCC = 30V
-IB1 = -IB1 = 50 mA
-
-
50
ns
ton
Turn-on times
-IC =500 mA, -VCC = 30V
-IB1 = -IB1 = 50 mA
-
-
100
ns
(*) Pulsed : pulse duration = 300µs, duty cycle = 1%


Similar Part No. - 2N4030

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N4030 MICRO-ELECTRONICS-2N4030 Datasheet
143Kb / 2P
   PNP SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
logo
Central Semiconductor C...
2N4030 CENTRAL-2N4030 Datasheet
55Kb / 1P
   Small Signal Transistors
logo
Comset Semiconductor
2N4030 COMSET-2N4030 Datasheet
235Kb / 3P
   GENERAL PURPOSE AMPLIFIERS AND SWITCHES
logo
Seme LAB
2N4030 SEME-LAB-2N4030 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39
logo
New Jersey Semi-Conduct...
2N4030 NJSEMI-2N4030 Datasheet
480Kb / 2P
   GENERAL PURPOSE HIGH-VOLTAGE
More results

Similar Description - 2N4030

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N3110 NJSEMI-2N3110 Datasheet
94Kb / 3P
   GENERAL PURPOSE AMPLIFIERS AND SWITCHES
logo
STMicroelectronics
2N2905 STMICROELECTRONICS-2N2905 Datasheet
63Kb / 5P
   GENERAL PURPOSE AMPLIFIERS AND SWITCHES
logo
Comset Semiconductor
2N3108 COMSET-2N3108 Datasheet
87Kb / 3P
   GENERAL PURPOSE AMPLIFIERS AND SWITCHES
2N4030 COMSET-2N4030 Datasheet
235Kb / 3P
   GENERAL PURPOSE AMPLIFIERS AND SWITCHES
logo
Micro Electronics
2N2906 MICRO-ELECTRONICS-2N2906 Datasheet
103Kb / 2P
   PNP SILICON GENERAL PURPOSE AMPLIFIERS AND SWITCHES
2N5368 MICRO-ELECTRONICS-2N5368 Datasheet
86Kb / 1P
   COMPLEMENTARY SILICON GENERAL PURPOSE AMPLIFIERS AND SWITCHES
logo
Raytheon Company
2N22907A RAYTHEON-2N22907A Datasheet
777Kb / 12P
   Medium Current General Purpose Amplifiers and Switches
logo
Micro Electronics
MPS6530 MICRO-ELECTRONICS-MPS6530 Datasheet
133Kb / 2P
   COMPLEMENTARY SILICON GENERAL PURPOSE AMPLIFIERS & SWITCHES
logo
Fairchild Semiconductor
PN4916 FAIRCHILD-PN4916 Datasheet
286Kb / 9P
   PNP Small Signal General Purpose Amplifiers & Switches
FTSO3638 FAIRCHILD-FTSO3638 Datasheet
307Kb / 8P
   PNP Small Signal General Purpose Amplifiers & Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com