Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4901 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # 2N4901
Description  PNP SILICON TRANSISTORS, EPITAXIAL BASE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N4901 Datasheet(HTML) 1 Page - Comset Semiconductor

  2N4901 Datasheet HTML 1Page - Comset Semiconductor 2N4901 Datasheet HTML 2Page - Comset Semiconductor 2N4901 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2N4901 – 2N4902 – 2N4903
17/10/2012
COMSET SEMICONDUCTORS
1 3
P
PN
NP
P S
SIIL
LIIC
CO
ON
N T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S,, E
EP
PIIT
TA
AX
XIIA
AL
L B
BA
AS
SE
E
The 2N4901, 2N4902, 2N4903 are mounted in Jedec TO-66 metal case.
They are intended for general–purpose switching and power amplifier applications.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCBO
Collector to Base Voltage
2N4901
-40
V
2N4902
-60
2N4903
-80
VCEO
#Collector-Emitter Voltage
2N4901
-40
V
2N4902
-60
2N4903
-80
VCER
Collector-Emitter Voltage
2N4901
-40
V
2N4902
-60
2N4903
-80
VEBO
Emitter-Base Voltage
-5.0
V
VCEX
Collector-Base Voltage
VBE=1.5 V
2N4901
-40
V
2N4902
-60
2N4903
-80
IC
Collector Current – Continuous
-5
A
ICM
Collector
Current – Peak
tp=5 ms
-10
A
IB
Base Current – Continuous
-1
A
PTOT
Power Dissipation
87.5
W
TJ
Junction Temperature
200
°C
TSTG
Storage Temperature
-65 to +200
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJC
Thermal Resistance, Junction to Case
2
°C/W
RthJA
Junction to Free Air Thermal Resistance
47.3
°C/W


Similar Part No. - 2N4901

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N4901 MOSPEC-2N4901 Datasheet
171Kb / 4P
   POWER TRANSISTORS(5.0A,87.5W)
logo
New Jersey Semi-Conduct...
2N4901 NJSEMI-2N4901 Datasheet
87Kb / 2P
   COMPLEMENTARY SILICON TRANSISTORS
logo
Boca Semiconductor Corp...
2N4901 BOCA-2N4901 Datasheet
175Kb / 4P
   COMPLEMENTARY SILICON TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
logo
List of Unclassifed Man...
2N4901 ETC-2N4901 Datasheet
347Kb / 8P
   Power Transistors
More results

Similar Description - 2N4901

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
BDX20 COMSET-BDX20 Datasheet
138Kb / 2P
   PNP SILICON TRANSISTORS EPITAXIAL BASE
logo
List of Unclassifed Man...
BDX20 ETC-BDX20 Datasheet
132Kb / 2P
   PNP SILICON TRANSISTORS EPITAXIAL BASE
logo
Comset Semiconductor
2N4901 COMSET-2N4901 Datasheet
130Kb / 3P
   PNP SILICON TRANSISTORS, EPITAXIAL BASE
logo
New Jersey Semi-Conduct...
BDX18 NJSEMI-BDX18 Datasheet
85Kb / 2P
   PNP SILICON TRANSISTORS, EPITAXIAL BASE
logo
Micro Electronics
BD242 MICRO-ELECTRONICS-BD242 Datasheet
98Kb / 2P
   PNP SILICON EPITAXIAL BASE POWER TRANSISTORS
logo
List of Unclassifed Man...
2N6246 ETC-2N6246 Datasheet
359Kb / 7P
   SILICON PNP EPITAXIAL BASE HIGH POWER TRANSISTORS
logo
General Semiconductor
BD201 GE-BD201 Datasheet
109Kb / 3P
   EPITAXIAL BASE SILICON NPN AND PNP VERSAWATT TRANSISTORS
logo
Comset Semiconductor
BDX20 COMSET-BDX20_12 Datasheet
75Kb / 3P
   SILICON TRANSISTORS EPITAXIAL BASE
logo
List of Unclassifed Man...
BDX18 ETC-BDX18 Datasheet
156Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
logo
Comset Semiconductor
BDX18 COMSET-BDX18 Datasheet
155Kb / 3P
   PNP SILICON TRANSISTOR EPITAXIAL BASE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com