Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA3885 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # KA3885
Description  SMPS CONTROLLER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3885 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  KA3885 Datasheet HTML 1Page - Fairchild Semiconductor KA3885 Datasheet HTML 2Page - Fairchild Semiconductor KA3885 Datasheet HTML 3Page - Fairchild Semiconductor KA3885 Datasheet HTML 4Page - Fairchild Semiconductor KA3885 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
KA3882/3/4/5
SMPS CONTROLLER
ELECTRICAL CHARACTERISTICS(Continued)
(VCC = 15V, RT = 10K
`, CT = 3.3nF, TA = 0Îto + 85Î, Unless otherwise specified)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
ERROR AMPLIFIER SECTION
Input Voltage
VI
TPIN1 = 2.5V
2.42
2.50
2.58
V
Input Bias Current
IBIAS
ïï
-0.3
- 2
uA
Open Loop Gain
GVO
VO = 2V to 4V
(NOTE 1)
65
90
ï
dB
Unity Gain Bandwidth
GBW
TJ= 25
Î
(NOTE 1)
0.7
1
ï
MHz
PSRR
PSRR
VCC = 12V to 25V
(NOTE 1)
60
70
ï
dB
Output Sink Current
ISINK
VPIN2 = 2.7V
VPIN1 = 1.1V
26
ï
mA
Output Source Current
ISOURCE
VPIN2 = 2.3V
VPIN1 = 5.0V
-0.5
-0.8
ï
mA
Output High Voltage
VOH
VPIN2 = 2.3V
R1 = 15K
` to GND
56
ï
V
Output Low Voltage
VOL
VPIN2 = 2.7V
R1 = 15K
` to Pin8
ï
0.8
1.1
V
OUTPUT SECTION
ISINK = 20mA
ï
0.1
0.4
V
ISINK = 200mA
ï
1.5
2.2
V
ISOURCE = 20mA
13
13.5
ï
V
ISOURCE = 200mA
12
13.5
ï
V
Rise Time
tR
TJ = 25
Î, C1 = 1nF
(NOTE 1)
ï
40
100
ns
Fall Time
tF
TJ = 25
Î, C1 = 1nF
(NOTE 1)
ï
40
100
ns
Output Voltage Swing Limit
VOLIM
VCC = 27V, C1 = 1nF
ï
22
ï
V
UNDER VOLTAGE LOCKOUT SECTION
KA3882/4
15
16
17
V
KA3883/5
7.8
8.4
9.0
V
Min.Operating Voltage
KA3882/4
9
10
11
V
( After turn on )
KA3883/5
7.0
7.6
8.2
V
Output Low Level
VOL
Output High Level
VOH
Start Threshold
VTH
VTL


Similar Part No. - KA3885

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA388 SAMSUNG-KA388 Datasheet
98Kb / 5P
   CURRENT MODE PWM CONTROLLER
logo
List of Unclassifed Man...
KA3882 ETC2-KA3882 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Fairchild Semiconductor
KA3882C FAIRCHILD-KA3882C Datasheet
43Kb / 6P
   SMPS Controller
KA3882C FAIRCHILD-KA3882C Datasheet
48Kb / 6P
   SMPS Controller
KA3882C FAIRCHILD-KA3882C Datasheet
48Kb / 6P
   SMPS Controller
More results

Similar Description - KA3885

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
   SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com