Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM105B105K16A Datasheet(PDF) 4 Page - Rohm

Part # CM105B105K16A
Description  1A Variable Fixed Output LDO Regulators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CM105B105K16A Datasheet(HTML) 4 Page - Rohm

  CM105B105K16A Datasheet HTML 1Page - Rohm CM105B105K16A Datasheet HTML 2Page - Rohm CM105B105K16A Datasheet HTML 3Page - Rohm CM105B105K16A Datasheet HTML 4Page - Rohm CM105B105K16A Datasheet HTML 5Page - Rohm CM105B105K16A Datasheet HTML 6Page - Rohm CM105B105K16A Datasheet HTML 7Page - Rohm CM105B105K16A Datasheet HTML 8Page - Rohm CM105B105K16A Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4/23
BDxxIC0WEFJ / BDxxIC0WHFV
Datasheet
TSZ02201-0R6R0A600430-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
21.Dec.2012 Rev.002
●Block Diagram
BDxxIC0WEFJ / BDxxIC0WHFV (Fixed output voltage type)
●Pin Configuration and Pin Description
(HTSOP-J8)
Pin No.
Pin name
Pin Function
1
VO
Output pin
2
VO_S
Output voltage monitor pin
3
GND
GND pin
4
N.C
No Connect (Connect to GND or leave OPEN)
5
EN
Enable pin
6
N.C
No Connect (Connect to GND or leave OPEN)
7
N.C
No Connect (Connect to GND or leave OPEN)
8
VCC
Input pin
Reverse
FIN
Substrate (Connect to GND)
(HVSOF6)
Pin No.
Pin name
Pin Function
1
VO
Output pin
2
VO_S
Output voltage monitor pin
3
GND
GND pin
4
EN
Enable pin
5
N.C
No Connect (Connect to GND or leave OPEN)
6
VCC
Input pin
Reverse
FIN
Substrate (Connect to GND)
8
7
6
5
1
2
3
4
VO
VO_S
GND
N.C
EN
N.C
N.C
VCC
6
5
4
1
2
3
VO
VO_S
GND
EN
N.C
VCC
GND
EN
TSD
OCP
SOFT
START
VO
VCC
VO_S
Fig.2 Block Diagram


Similar Part No. - CM105B105K16A

ManufacturerPart #DatasheetDescription
logo
Rohm
CM105B105K16A ROHM-CM105B105K16A Datasheet
621Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
CM105B105K16A ROHM-CM105B105K16A Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
CM105B105K16A ROHM-CM105B105K16A Datasheet
510Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
CM105B105K16A ROHM-CM105B105K16A Datasheet
719Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
CM105B105K16A ROHM-CM105B105K16A Datasheet
476Kb / 22P
   1A Variable Fixed Output LDO Regulator
More results

Similar Description - CM105B105K16A

ManufacturerPart #DatasheetDescription
logo
Rohm
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00GC0WEFJ-E2 ROHM-BD00GC0WEFJ-E2 Datasheet
476Kb / 22P
   1A Variable Fixed Output LDO Regulator
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
   1.5A Variable Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com