Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDY24 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BDY24
Description  NPN SILICON TRANSISTORS, DIFFUSED MESA
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDY24 Datasheet(HTML) 2 Page - Comset Semiconductor

  BDY24 Datasheet HTML 1Page - Comset Semiconductor BDY24 Datasheet HTML 2Page - Comset Semiconductor BDY24 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BDY23 – 180T2
BDY24 – 181T2
BDY25 – 182T2
31/10/2012
COMSET SEMICONDUCTORS
2 | 3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCEO(BR)
Collector-Emitter
Breakdown Voltage (*)
IC=50 mA
IB=0
BDY23, 180T2
60
-
-
V
BDY24, 181T2
80
-
-
BDY25, 182T2
140
-
-
ICEO
Collector-Emitter Cutoff
Current
VCE=60 V
BDY23
-
-
1.0
mA
VCE=90 V
BDY24
-
-
VCE=140 V
BDY25
-
-
IEBO
Emitter-Base Cutoff
Current
VEB=10 V
BDY23, 180T2
-
-
1.0
mA
BDY24, 181T2
BDY25, 182T2
ICES
Collector-Emitter Cutoff
Current
VCE=60 V
VBE=0 V
BDY23, 180T2
-
-
0.5
mA
VCE=100 V
VBE=0 V
BDY24, 181T2
-
-
1.0
VCE=180 V
VBE=0 V
BDY25, 182T2
-
-
1.0
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC=2.0 A,
IB=0.25 A
BDY23, 180T2
-
-
1
V
BDY24, 181T2
-
-
0.6
BDY25, 182T2
-
-
0.6
V(BR)CBO
Collector-Base
Breakdown Voltage (*)
IC=3 mA
BDY23, 180T2
60
-
-
V
BDY24, 181T2
100
-
-
BDY25, 182T2
200
-
-
VBE(SAT)
Base-Emitter Voltage (*)
IC=2.0 A,
IB=0.25 A
BDY23, 180T2
-
-
2.0
V
BDY24, 181T2
-
-
1.2
BDY25, 182T2
-
-
1.2
h21E
Static Forward Current
transfer ratio (*)
VCE=4 V
IC=1 A
A
-
55
-
-
B
-
65
-
C
-
90
-
VCE=4 V
IC=2 A
A
15
20
45
B
30
45
90
C
75
82
100
fT
Transition Frequency
VCE=15 V, IC=0.5 A, f=10 MHz
10
-
-
MHz
td + tr
Turn-on time
IC=5 A, IB=1 A
-
0.3
0.5
µs
ts + tf
Turn-off time
IC=5 A, IB1=1 A, IB2=-0.5 A
-
0.3
0.5
µs
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%


Similar Part No. - BDY24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDY24 ETC-BDY24 Datasheet
168Kb / 4P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
logo
Comset Semiconductor
BDY24 COMSET-BDY24 Datasheet
250Kb / 4P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
logo
Inchange Semiconductor ...
BDY24 ISC-BDY24 Datasheet
224Kb / 2P
   isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
BDY24 NJSEMI-BDY24 Datasheet
99Kb / 3P
   LF large signal power amplification
logo
Seme LAB
BDY24B SEME-LAB-BDY24B Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3 Metal Package.
More results

Similar Description - BDY24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDY26 ETC-BDY26 Datasheet
167Kb / 4P
   NPN SILICON TRANSISTORS DIFFUSED MESA
logo
Comset Semiconductor
BDY23 COMSET-BDY23 Datasheet
250Kb / 4P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY53 COMSET-BDY53 Datasheet
147Kb / 3P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY26 COMSET-BDY26 Datasheet
264Kb / 4P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
BDY57 COMSET-BDY57 Datasheet
209Kb / 3P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
logo
List of Unclassifed Man...
BDY53 ETC-BDY53 Datasheet
149Kb / 3P
   NPN SILICON TRANSISTORS DIFFUSED MESA
BDY23 ETC-BDY23 Datasheet
168Kb / 4P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
logo
Comset Semiconductor
BDY55 COMSET-BDY55 Datasheet
134Kb / 3P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
logo
List of Unclassifed Man...
BDY57 ETC-BDY57 Datasheet
153Kb / 3P
   NPN SILICON TRANSISTORS DIFFUSED MESA
logo
Comset Semiconductor
BDY55 COMSET-BDY55_12 Datasheet
79Kb / 3P
   NPN SILICON TRANSISTORS, DIFFUSED MESA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com