Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA431A Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # KA431A
Description  Programmable Shunt Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA431A Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button KA431A Datasheet HTML 2Page - Fairchild Semiconductor KA431A Datasheet HTML 3Page - Fairchild Semiconductor KA431A Datasheet HTML 4Page - Fairchild Semiconductor KA431A Datasheet HTML 5Page - Fairchild Semiconductor KA431A Datasheet HTML 6Page - Fairchild Semiconductor KA431A Datasheet HTML 7Page - Fairchild Semiconductor KA431A Datasheet HTML 8Page - Fairchild Semiconductor KA431A Datasheet HTML 9Page - Fairchild Semiconductor KA431A Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
KA431/KA431A/KA431L
6
Typical Performance Characteristics (Continued)
100p
1n
10n
100n
10µ
0
20
40
60
80
100
120
140
D
C
B
A
A V
KA = Vref
B V
KA
= 5.0 V @ I
K
= 10
mA
C V
KA = 10 V @ IK = 10mA
D V
KA = 15 V @ IK = 10mA
T
A = 25
oC
C
L, LOAD CAPACITANCE
Figure 10. Stability Boundary Conditions


Similar Part No. - KA431A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA431A FAIRCHILD-KA431A Datasheet
1Mb / 13P
   Programmable Shunt Regulator
KA431A FAIRCHILD-KA431A Datasheet
153Kb / 12P
   Programmable Shunt Regulator
KA431A FAIRCHILD-KA431A Datasheet
153Kb / 12P
   Programmable Shunt Regulator
KA431A FAIRCHILD-KA431A Datasheet
230Kb / 11P
   Programmable Shunt Regulator
KA431A FAIRCHILD-KA431A Datasheet
230Kb / 11P
   Programmable Shunt Regulator
More results

Similar Description - KA431A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
   Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
   Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
   Programmable Shunt Regulator
March 2015 Rev. 6.7
logo
Fairchild Semiconductor
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
   Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
   Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
   Programmable Shunt Regulator
LM431SA FAIRCHILD-LM431SA Datasheet
88Kb / 10P
   Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
   Programmable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com