Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA556ID Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KA556ID
Description  Dual Timer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA556ID Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA556ID Datasheet HTML 1Page - Fairchild Semiconductor KA556ID Datasheet HTML 2Page - Fairchild Semiconductor KA556ID Datasheet HTML 3Page - Fairchild Semiconductor KA556ID Datasheet HTML 4Page - Fairchild Semiconductor KA556ID Datasheet HTML 5Page - Fairchild Semiconductor KA556ID Datasheet HTML 6Page - Fairchild Semiconductor KA556ID Datasheet HTML 7Page - Fairchild Semiconductor KA556ID Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0
Features
• Replaces Two KA555 Timers
• Operates in Both Astable And Monostable Modes
•High Output Current
• TTL Compatible
• Timing From Microsecond To Hours
• Adjustable Duty Cycle
• Temperature Stability Of 0.005% Per
°C
Applications
• Precision Timing
• Pulse Shaping
• Pulse Width Modulation
• Frequency Division
• Traffic Light Control
• Sequential Timing
• Pulse Generator
• Time Delay Generator
• Touch Tone Encoder
• Tone Burst Generator
Description
The KA556 series dual monolithic timing circuits are a
highly stable controller capable of producing accurate time
delays or oscillation. The KA556 is a dual KA555. Timing is
provided an external resistor and capacitor for each timing
function. The two timers operate independently of each
other, sharing only VCC and ground. The circuits may be
triggered and reset on falling waveforms. The output
structures may sink or source 200mA.
14-DIP
1
14-SOP
1
Internal Block Diagram
KA556
Dual Timer


Similar Part No. - KA556ID

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA5532 FAIRCHILD-KA5532 Datasheet
73Kb / 6P
   Dual Operational Amplifier
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
   Single Timer
KA555 FAIRCHILD-KA555 Datasheet
156Kb / 14P
   Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
More results

Similar Description - KA556ID

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM556 NSC-LM556 Datasheet
216Kb / 8P
   Dual Timer
logo
Unisonic Technologies
LM556 UTC-LM556_15 Datasheet
170Kb / 4P
   DUAL TIMER
logo
Texas Instruments
LM556 TI1-LM556_16 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Timer
logo
Mitsubishi Electric Sem...
M51847P MITSUBISHI-M51847P Datasheet
153Kb / 4P
   DUAL TIMER
logo
NXP Semiconductors
NE556 PHILIPS-NE556 Datasheet
103Kb / 5P
   Dual timer
August 31, 1994
logo
Fairchild Semiconductor
LM556 FAIRCHILD-LM556 Datasheet
44Kb / 8P
   Dual Timer
logo
Texas Instruments
LM556 TI1-LM556 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Timer
logo
New Japan Radio
NJM556 NJRC-NJM556 Datasheet
200Kb / 5P
   DUAL TIMER
logo
Unisonic Technologies
UTCLM556 UTC-UTCLM556 Datasheet
49Kb / 3P
   DUAL TIMER
UTCNE556 UTC-UTCNE556 Datasheet
49Kb / 3P
   DUAL TIMER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com