Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S101C32SS02LBE Datasheet(PDF) 4 Page - C&K Components

Part # S101C32SS02LBE
Description  S Series Slide Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

S101C32SS02LBE Datasheet(HTML) 4 Page - C&K Components

  S101C32SS02LBE Datasheet HTML 1Page - C&K Components S101C32SS02LBE Datasheet HTML 2Page - C&K Components S101C32SS02LBE Datasheet HTML 3Page - C&K Components S101C32SS02LBE Datasheet HTML 4Page - C&K Components S101C32SS02LBE Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
I
I–31
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
S Series
Slide Switches
MOUNTING STYLE
PANEL MOUNTING
.118 ± .015
(3,00 ± 0,38)
.368 ± .015
(9,35 ± 0,38)
.113 ± .015
(2,87 ± 0,38)
.140
(3,56)
.503 ± .015
(12,78 ± 0,38)
PC MOUNTING
08 terminations
with MS mounting style.
02 & 04 terminations
TS PANEL WITH MOUNTING EARS
08 PC THRU-HOLE
WC WIRE LEAD
07 QUICK CONNECT
04 PC THRU-HOLE
03 SOLDER LUG WITH HOLE
02 PC THRU-HOLE
TERMINATIONS
AVAILABLE WITH:
Models: S201, S202, and S602
Terminations: All
Actuators: 03, 04 and 12.
Recommended with ‘MS’
mounting style only.
MS mounting style only.
NOTE: All terminals on S1XX, S2XX and S6XX models are .020 (0,51) thick;
all terminals on S7XX and S8XX models are .031 (0,79) thick.
Recommended with double pole
models only.
18 AWG wire for S1XX and S2XX models.
16 AWG wire for all other models. Black
wire standard, other colors and lengths
available, consult Customer Service Center.
UL style 1015.
S202031TS03Q
DPDT


Similar Part No. - S101C32SS02LBE

ManufacturerPart #DatasheetDescription
logo
ITT Industries
S101C21SS02B ITT-S101C21SS02B Datasheet
398Kb / 5P
   Slide Switches
S101C21SS02BE ITT-S101C21SS02BE Datasheet
398Kb / 5P
   Slide Switches
S101C21SS02DB ITT-S101C21SS02DB Datasheet
398Kb / 5P
   Slide Switches
S101C21SS02DBE ITT-S101C21SS02DBE Datasheet
398Kb / 5P
   Slide Switches
S101C21SS02DQ ITT-S101C21SS02DQ Datasheet
398Kb / 5P
   Slide Switches
More results

Similar Description - S101C32SS02LBE

ManufacturerPart #DatasheetDescription
logo
C&K Components
S201031MS02Q CK-COMPONENTS-S201031MS02Q Datasheet
340Kb / 5P
   S Series Slide Switches
S101031SS03Q CK-COMPONENTS-S101031SS03Q Datasheet
339Kb / 5P
   S Series Slide Switches
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com