Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR421 Datasheet(PDF) 5 Page - Analog Devices

Part # ADR421
Description  Software-Calibrated, 1 MHz to 8 GHz, 60 dB RF Power Measurement System Using a Logarithmic Detector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR421 Datasheet(HTML) 5 Page - Analog Devices

  ADR421 Datasheet HTML 1Page - Analog Devices ADR421 Datasheet HTML 2Page - Analog Devices ADR421 Datasheet HTML 3Page - Analog Devices ADR421 Datasheet HTML 4Page - Analog Devices ADR421 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Circuit Note
CN-0150
Rev. C | Page 5 of 5
REVISION HISTORY
2/12—Rev. B to Rev. C
Changed 70 dB to 60 dB in Circuit Note Title ..............................1
3/11—Rev. A to Rev. B
Added Evaluation and Design Support Section............................1
Added Circuit Evaluation and Test Section...................................4
8/10— Rev. 0 to Rev. A
Changes to the Circuit Function and Benefits Section ................1
Changes to the Circuit Description Section ..................................2
Changes to the Common Variations Section ................................4
4/10—Revision 0: Initial Version
I2C refers to a communications protocol originally developed by Philips Semiconductors (now NXP Semiconductors).
(Continued from first page) Circuits from the Lab circuits are intended only for use with Analog Devices products and are the intellectual property of Analog Devices or its licensors. While you
may use the Circuits from the Lab circuits in the design of your product, no other license is granted by implication or otherwise under any patents or other intellectual property by
application or use of the Circuits from the Lab circuits. Information furnished by Analog Devices is believed to be accurate and reliable. However, Circuits from the Lab circuits are supplied
"as is" and without warranties of any kind, express, implied, or statutory including, but not limited to, any implied warranty of merchantability, noninfringement or fitness for a particular
purpose and no responsibility is assumed by Analog Devices for their use, nor for any infringements of patents or other rights of third parties that may result from their use. Analog Devices
reserves the right to change any Circuits from the Lab circuits at any time without notice but is under no obligation to do so.
©2010–2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
CN08967-0-2/12(C)


Similar Part No. - ADR421

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR421 AD-ADR421 Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
ADR421 AD-ADR421 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
ADR421 AD-ADR421 Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
ADR421 AD-ADR421 Datasheet
3Mb / 21P
   Precision, Micropower, High Current Output Voltage Reference
Rev. 0
ADR421 AD-ADR421 Datasheet
3Mb / 26P
   Precision, Micropower, High Current Output Voltage References
Rev. A
More results

Similar Description - ADR421

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8318 AD-AD8318_06 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
REV. A
CN-0178 AD-CN-0178 Datasheet
160Kb / 5P
   Software-Calibrated, 50 MHz to 9 GHz, RF Power Measurement System
REV. A
AD8318 AD-AD8318 Datasheet
2Mb / 24P
   1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
REV. 0
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8318 AD-AD8318_15 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8318-EP AD-AD8318-EP_15 Datasheet
435Kb / 12P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. 0
logo
Hittite Microwave Corpo...
HMC611 HITTITE-HMC611 Datasheet
515Kb / 10P
   60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
HMC611LP4 HITTITE-HMC611LP4 Datasheet
666Kb / 10P
   60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
HMC611 HITTITE-HMC611_10 Datasheet
586Kb / 12P
   60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
HMC611LP4 HITTITE-HMC611LP4_09 Datasheet
362Kb / 10P
   60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com