Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

020-5413.0 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # 020-5413.0
Description  LAMINATED TRANSFORMERSType EE20 / 4 - 0.08VA
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

020-5413.0 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  020-5413.0 Datasheet HTML 1Page - Pulse A Technitrol Company 020-5413.0 Datasheet HTML 2Page - Pulse A Technitrol Company 020-5413.0 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 769 85538070 •• Taiwan 886 3 4641811
www.pulseeng.com
2
LT2007 (9/07)
LAMINATED TRANSFORMERS
Type EE20 / 4 - 0.08VA
Frequency 50/60Hz
Potted under vacuum
Split-bobbin
Temperature class ta 70°C/B
Short-circuit-proof (where noted:
1/2/3* under Agency Approvals)
Weight: 0.018kg
Packaging unit: 40 pieces (tray)
230
6 / 13.30
9.20
1
020-5480.0
1/2
230
9 / 8.88
13.60
1
020-5481.0
1/2
230
12 / 6.67
18.30
1
020-5482.0
1/2
230
15 / 5.33
22.60
1
020-5483.0
1/2
230
18 / 4.44
27.20
1
020-5484.0
1/2
115
6 / 13.3
9.20
1
020-5470.0
1/2
115
9 / 8.88
13.60
1
020-5471.0
1/2
115
12 / 6.67
18.30
1
020-5472.0
1/2
115
15 / 5.33
22.60
1
020-5473.0
1/2
115
18 / 4.44
27.20
1
020-5474.0
1/2
Primary
Secondary
No-Load
Schematic
Part
Agency
(V)
(V / mA)
Voltage (V)
No.
Number
Approvals
56
7
8
1
2
3
4
22
3 x 5
12
(0.472)
4,5
(0.177)
(0.87)
(3 x 0.20)
Pin Ø 0,6 mm
(Pin DIA. 0.024)
Mechanical
Schematic
1
46
7
No. 1
AGENCY
APPROVALS
1. UL 506, File E113449
2. UL 1585, File E175197 Class 2/3


Similar Part No. - 020-5413.0

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
020-5413.0 PULSE-020-5413.0 Datasheet
74Kb / 1P
   LAMINATED TRANSFORMERS Type EE20 / 6.1 - 0.35VA
020-5413.0 PULSE-020-5413.0 Datasheet
184Kb / 3P
   LAMINATED TRANSFORMERS Type EE20 / 4 - 0.08VA
9/07
More results

Similar Description - 020-5413.0

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
EE20 PULSE-EE20 Datasheet
184Kb / 3P
   LAMINATED TRANSFORMERS Type EE20 / 4 - 0.08VA
9/07
BV020-5411.0 PULSE-BV020-5411.0 Datasheet
74Kb / 1P
   LAMINATED TRANSFORMERS Type EE20 / 6.1 - 0.35VA
030-7257-0 PULSE-030-7257-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7273-0 PULSE-030-7273-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7275-0 PULSE-030-7275-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7277-0 PULSE-030-7277-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7292-0 PULSE-030-7292-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
030-7293-0 PULSE-030-7293-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
030-7311-0 PULSE-030-7311-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
030-7313-0 PULSE-030-7313-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com