Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

020-5417.0 Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # 020-5417.0
Description  LAMINATED TRANSFORMERSType EE20 / 4 - 0.08VA
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

020-5417.0 Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  020-5417.0 Datasheet HTML 1Page - Pulse A Technitrol Company 020-5417.0 Datasheet HTML 2Page - Pulse A Technitrol Company 020-5417.0 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 769 85538070 •• Taiwan 886 3 4641811
www.pulseeng.com
4
LT2007 (9/07)
LAMINATED TRANSFORMERS
Type EE20 / 10 - 0.50VA
Frequency 50/60Hz
Potted under vacuum
Split-bobbin
Temperature class ta 70°C/B
Short-circuit-proof (where noted:
1/2/3* under Agency Approvals)
Weight: 0.035kg
Packaging unit: 40 pieces (tray)
230
6 / 83
8.90
1
020-5382.0
1/2/3*
230
9 / 55
13.50
1
020-5383.0
1/2/3*
230
12 / 42
19.40
1
020-5384.0
1/2/3*
230
15 / 34
24.60
1
020-5385.0
1/2/3*
230
18 / 28
29.50
1
020-5386.0
1/2/3*
230
24 / 21
39.60
1
020-5387.0
1/2/3*
230
2x6 / 42
2x9.60
2
020-5388.0
1/2/3*
230
2x9 / 28
2x15.20
2
020-5389.0
1/2/3*
230
2x12 / 21
2x19.10
2
020-5390.0
1/2/3*
230
2x15 /16
2x23.30
2
020-5391.0
1/2/3*
230
2x18 / 14
2x29.2
2
020-5392.0
1
230
2x24 / 10
2x38.8
2
020-5393.0
1
115
6 / 83
8.90
1
020-5370.0
1/2/3*
115
9 / 55
13.50
1
020-5371.0
1/2/3*
115
12 / 42
19.40
1
020-5372.0
1/2/3*
115
15 / 34
24.60
1
020-5373.0
1/2/3*
115
18 / 28
29.50
1
020-5374.0
1/2/3*
115
24 / 21
39.60
1
020-5375.0
1/2/3*
115
2x6 / 42
2x9.60
2
020-5376.0
1/2/3*
115
2x9 / 28
2x15.20
2
020-5377.0
1/2/3*
115
2x12 / 21
2x19.10
2
020-5378.0
1/2/3*
115
2x15 / 16
2x23.30
2
020-5379.0
1/2/3*
115
2x18 / 14
2x29.20
2
020-5380.0
1
115
2x24 /10
2x38.80
2
020-5381.0
1
*NOTE: When checking the approval status of this product with VDE, add the prefix
"BV" and the suffix "M" to the orderable Part Number (these letters will also be found
on the part label). The prefix and suffix are not part of the orderable Part Number.
Primary
Secondary
No-Load
Schematic
Part
Agency
(V)
(V / mA)
Voltage (V)
No.
Number
Approvals
5
6
7
8
1
2
3
4
22
(0.87)
3 x 5
(3 x 0.20)
19
(0.75)
4,5
(0.177)
Pin Ø 0,6 mm
(Pin DIA. 0.024)
Mechanical
Schematics
1
46
7
No. 1
1
4
5
6
7
8
No. 2
AGENCY
APPROVALS
1. UL 506, File E113449
2. UL 1585, File E175197
3. EN61558
V
D E
Class 2/3


Similar Part No. - 020-5417.0

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
020-5417.0 PULSE-020-5417.0 Datasheet
74Kb / 1P
   LAMINATED TRANSFORMERS Type EE20 / 6.1 - 0.35VA
020-5417.0 PULSE-020-5417.0 Datasheet
184Kb / 3P
   LAMINATED TRANSFORMERS Type EE20 / 4 - 0.08VA
9/07
More results

Similar Description - 020-5417.0

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
EE20 PULSE-EE20 Datasheet
184Kb / 3P
   LAMINATED TRANSFORMERS Type EE20 / 4 - 0.08VA
9/07
BV020-5411.0 PULSE-BV020-5411.0 Datasheet
74Kb / 1P
   LAMINATED TRANSFORMERS Type EE20 / 6.1 - 0.35VA
030-7257-0 PULSE-030-7257-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7273-0 PULSE-030-7273-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7275-0 PULSE-030-7275-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7277-0 PULSE-030-7277-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7292-0 PULSE-030-7292-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
030-7293-0 PULSE-030-7293-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
030-7311-0 PULSE-030-7311-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
030-7313-0 PULSE-030-7313-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com