Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P578 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # P578
Description  VDE Approved Designed for switching power supply applications Transformer meets IEC950 insulation requirements
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P578 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  P578 Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
THT CURRENT SENSE
TRANSFORMERS & INDUCTORS
VDE Approved
Designed for switching power supply applications
Transformer meets IEC950 insulation requirements
Frequency range from 20kHz to 200kHz
Electrical Specifications @ 25°C — Operating Temperature -40°C to 130°C
Part Number
Part Number
Part Number
Secondary
Secondary
Primary
Primary
Transformer
Schem.
Transformer
Schem.
Inductor
Schem.
Turns
Inductance
Inductance
RS
RT
Unipolar
Bipolar
with 2-1 T
Figure
with 1T
Figure
without
Figure
NS
MH
Test Voltage
(
Ω MAX) (Ω NOM)
Amp µ Sec.
Amp µ Sec.
Primaries
Primary
Primary
(MIN)
(15.75 KHz)
Rating (MAX)
Rating (MAX)
—1C
PE-63586
1A
PE-51686
2A
50
5.0
0.5
0.7
50
150
300
PE-64487
1C
PE-63587
1A
PE-51687
2A
100
20.0
1.0
1.40
100
300
600
PE-64488
1C
PE-63588
1A
PE-51688
2A
200
80.0
2.0
4.50
200
600
1200
PE-64517
1D
PE-51717
2B
50CT
5.0
0.5
0.7
50
150
300
PE-64518
1D
PE-63618
1B
PE-51718
2B
100CT
20.0
1.0
1.40
100
300
600
PE-64519
1D
PE-63619
1B
PE-51719
2B
200CT
80.0
2.0
4.50
200
600
1200
——
PE-63691
1B
300CT
180.0
3.0
11.0
300
900
1800
3
1
2
5
3
1
2
6
7
5
1
3
1
63
2
75
4
PE-XXXXX
DATE CODE
0.900
22,86
MAX
0.700
17,78
MAX
0.700
17,78
MAX
0.700
17,78
.200
5,08
.010
0,25
MIN
.500
12,70
MIN
.500
12,70
.250
6,35
.030
±
.002
0,76 ,051
2X
.051
±
.003
1,30 ,076
4X
V
D E
1441
(Leads: 1,2,6,7)
(Leads: 3,5)
Transformer
Inductor
1A
1C
2A
2B
1D
1B
NOTES:
1. Maximum ratings specified with rated secondary terminating resistance
and 1 turn primary.
2. Amp-microsecond (AµSec.) rating of primary equals volt microsecond
(VµSec.) rating of secondary when secondary is terminated in rated
resistance. (Amp—microseconds is equal to the product of a square
pulse of current in amps, times the current pulse width in microseconds.
3. Maximum operating temperature 105°C (ambient plus rise).
4. When terminated with rated terminating resistance, the inductor scale
factor is Vout = 1 volt per amp. for center tapped units terminating
resistance for each half of winding is listed value divided by two.
5. 1 turn primary peak sense current is 20 amps for all parts listed above.
6. RoHS compliant parts are being introduced. Please contact Pulse for
RoHS compliant part availability. If available, order part by adding the suf-
fix "NL" to the part number (i.e. PE-63586 becomes PE-63586NL).
0.390
9,906 MAX
0.670
17,01 MAX
0.800
20,32
0.500
12,70
0.500
12,70
.170
4,32
MIN
.030 .002
0,76 ± 0,05
Solderable
Pin
.500/.700
12,7/17,78MAX/MIN
1457
.015
0,38
MIN
3
1
2
5
4
3
1
2
4
6
7
5
1
3
2
Mechanicals
Schematics
Unless otherwise specified, all tolerances are ± .005
0,13
Dimensions: Inches
mm
V
D E
www.pulseeng.com
P578.A (3/06)
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA 92128
U.S.A.
www.pulseeng.com
TEL: 858 674 8100
FAX: 858 674 8262
Pulse
Northern Europe
3 Huxley Road
Surrey Research Park
Guildford, Surrey GU2 5RE
United Kingdom
TEL: 44 1483 401700
FAX: 44 1483 401701
Pulse
Southern Europe
Zone Industrielle
F-39270
Orgelet
France
TEL: 33 3 84 35 04 04
FAX: 33 3 84 25 46 41
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
TEL: 65 6287 8998
FAX: 65 6280 0080
Pulse North Asia
No. 26
Kao Ching Road
Yang Mei Chen
Taoyuan Hsien
Taiwan, R. O. C.
TEL: 886 3 4641811
FAX: 886 3 4641911
Pulse
China Headquarters
No. 1
Industrial District
Changan, Dongguan
China
TEL: 86 769 5538070
FAX: 86 769 5538870
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
© Copyright, 2006. Pulse Engineering, Inc. All rights reserved.
Pulse North China
Room 1503
XinYin Building
No. 888 YiShan Road
Shanghai 200233
China
TEL: 86 21 54643211/2
FAX: 86 21 54643210


Similar Part No. - P578

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P570-003-MICRO TRIPPLITE-P570-003-MICRO Datasheet
158Kb / 2P
   HDMI to Micro HDMI Cable with Ethernet, Digital Video with Audio Adapter (M/M), 3-ft.
P570-006-MICRO TRIPPLITE-P570-006-MICRO Datasheet
158Kb / 2P
   HDMI to Micro HDMI Cable with Ethernet, Digital Video with Audio Adapter (M/M), 6-ft.
P570003MICRO TRIPPLITE-P570003MICRO Datasheet
483Kb / 2P
   HDMI to Micro HDMI Cable with Ethernet, Digital Video with Audio Adapter (M-M), 3-ft
P570006MICRO TRIPPLITE-P570006MICRO Datasheet
483Kb / 2P
   HDMI to Micro HDMI Cable with Ethernet, Digital Video with Audio Adapter (M-M), 6-ft
P571-001-MINI TRIPPLITE-P571-001-MINI Datasheet
173Kb / 3P
   High-Speed HDMI to Mini-HDMI Cable with Ethernet and Digital Video/Audio (M/M), 1920 x 1080 (1080p), 1 ft.
More results

Similar Description - P578

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-67300NL PULSE-PE-67300NL Datasheet
59Kb / 1P
   Meets IEC950 insulation requirements
logo
List of Unclassifed Man...
C1658 ETC-C1658 Datasheet
40Kb / 1P
   Approved for use with Conexant ADSL Chip Set Meets requirements of IEC950 for supplementary insulation, 250V working voltage
logo
E&E Magnetic Products L...
833-00036 EEMAGNETIC-833-00036 Datasheet
441Kb / 3P
   Designed for switching power supply applications
833-00020 EEMAGNETIC-833-00020 Datasheet
441Kb / 3P
   Designed for switching power supply applications
logo
Pulse A Technitrol Comp...
PE-67050 PULSE-PE-67050 Datasheet
53Kb / 1P
   Meets IEC950 insulation requirements 3750VRMS primary to secondary breakdown voltage Frequency range 10kHz to 200kHz
logo
List of Unclassifed Man...
C1676 ETC-C1676 Datasheet
40Kb / 1P
   Approved for use with GlobeSpan HDSL2 Chip Set Meets the requirements of IEC60950 for supplementary insulation, 250V working voltage
logo
Skyworks Solutions Inc.
DSG9500-000 SKYWORKS-DSG9500-000_09 Datasheet
339Kb / 1P
   Designed for switching applications
DSM8100-000 SKYWORKS-DSM8100-000_08 Datasheet
107Kb / 5P
   Designed for switching applications
logo
Pulse A Technitrol Comp...
PE-63387 PULSE-PE-63387 Datasheet
58Kb / 1P
   International safety construction, VDE approved
PE-63387NL PULSE-PE-63387NL Datasheet
58Kb / 1P
   International safety construction, VDE approved
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com