Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5089NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # H5089NL
Description  RoHS peak reflow temperature rating 245 C
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

H5089NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  H5089NL Datasheet HTML 1Page - Pulse A Technitrol Company H5089NL Datasheet HTML 2Page - Pulse A Technitrol Company H5089NL Datasheet HTML 3Page - Pulse A Technitrol Company H5089NL Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
H5004NL, H5007NL, and HX5004NL are footprint-com-
patible to 10/100BASE-TX part H1267.
Mechanicals
H5004NL, HX5004NL*, H5007NL*
H5008NL, H5009NL, HX5008NL, H5089NL
Weight
............ 1.6 grams
Tape & Reel
............ 300
Tube
.................... 25
RoHS peak reflow temperature rating 245°C°
Meets IEEE 802.3 specification
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
1. HX = extended temperature version -40°C to +85° C
2. For Tape & Reel packaging, add a “T” suffix at the end of the part
number, e.g. H5007NLT.
3. MSL = Moisture Sensitivity Level: a = 1, b = 2, c = 3, d = 4
4. Not for sale in the U.S.
RoHS
Compliant
Part Number
Number
of
Ports
Insertion
Loss
(dB MAX)
Return Loss
(dB MIN)
Differential to Common
Mode Rejection
(dB MIN)
Crosstalk
(dB MIN)
Hipot
(Vrms)
1-100 MHz 1-30 MHz 40 MHz 50 MHz 60-80 MHz 100 MHz 30 MHz 60 MHz 100 MHz 30 MHz 60 MHz 100 MHz
H5004NL 3d
1
1
-18
-18
-16
-12
-10
-43
-37
-33
-43
-37
-33
1500
HX5004NL 1,3d
1
1
-18
-18
-16
-12
-10
-43
-37
-33
-43
-37
-33
1500
H5007NL 3d
1
1
-18
-18
-16
-12
-10
-43
-37
-33
-43
-37
-33
1500
H5008NL 3a, 4
1
1
-18
-18
-16
-12
-10
-43
-37
-33
-43
-37
-33
1500
HX5008NL1,3a, 4
1
1
-18
-18
-16
-12
-10
-43
-37
-33
-43
-37
-33
1500
H5009NL 3a, 4
1
1
-18
-18
-16
-12
-10
-43
-37
-33
-43
-37
-33
1500
H5012NL 3a, 4
2
1.4
-18
-16
-14.4
-12
-10
-45
-40
-35
-43.5
-37.5
-33
1500
H5014NL 3a, 4
2
1.4
-18
-16
-14.4
-12
-10
-45
-40
-35
-43.5
-37.5
-33
1500
HX5014NL 1, 3a, 4
2
1.4
-18
-16
-14.4
-12
-10
-45
-40
-35
-43.5
-37.5
-33
1500
H5015NL 3a, 4
1
1
-18
-18
-16
-12
-10
-43
-37
-33
-43
-37
-33
1500
H5020NL 3a, 4
2
1
-18
-16
-14.4
-12
-10
-40
-35
-30
-40
-33
-28
1500
HX5020NL 1,3a, 4
2
1.4
-18
-16
-14.4
-12
-10
-40
-35
-30
-40
-33
-28
1500
H5089NL 3a, 4
2
1.4
-18
-16
-14.4
-12
-10
-45
-40
-35
-43.5
-37.5
-33
1500
Electrical Specifications @ 25°C — Operating Temperature 0°C to 70°C
1
pulseelectronics.com
HC500.R (06/13)
1000BASE-T
MAGNETICS MODULE
Designed to Support 1:1 Turns Ratio Transceivers


Similar Part No. - H5089NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H5089NL PULSE-H5089NL Datasheet
1Mb / 4P
   1000BASE-T Magnet icSmodules Designed to Support 1:1 Turns Ratio Transceivers
H5089NL PULSE-H5089NL Datasheet
203Kb / 4P
   1000BASE-T MAGNETICS MODULES
H5089NL PULSE-H5089NL Datasheet
333Kb / 3P
   MDL,SIN,1GD,1:1,SM,TU
H5089NL3 PULSE-H5089NL3 Datasheet
203Kb / 4P
   1000BASE-T MAGNETICS MODULES Designed to Support 1:1 Turns Ratio Transceivers
More results

Similar Description - H5089NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
T1212NL PULSE-T1212NL Datasheet
81Kb / 2P
   RoHS peak reflow temperature rating 245
PE-65967NLT PULSE-PE-65967NLT Datasheet
920Kb / 4P
   RoHS peak reflow temperature rating 245
H304 PULSE-H304 Datasheet
832Kb / 4P
   RoHS peak reflow temperature rating 260C
H316 PULSE-H316 Datasheet
702Kb / 4P
   RoHS peak reflow temperature rating: 245C
H328 PULSE-H328 Datasheet
526Kb / 2P
   RoHS peak reflow temperature rating 245C
H325 PULSE-H325 Datasheet
526Kb / 3P
   RoHS peak reflow temperature rating: 245C
HX1188NLT PULSE-HX1188NLT Datasheet
211Kb / 3P
   RoHS peak reflow temperature rating: 245째C째째
H327 PULSE-H327 Datasheet
1Mb / 5P
   RoHS peak reflow temperature rating 245C
J409 PULSE-J409 Datasheet
1Mb / 12P
   RoHS peak wave reflow temperature rating 245 C J0C SMT product, reduced size and low cost alternative to JV series
J0011D11 PULSE-J0011D11 Datasheet
1Mb / 6P
   RoHS peak wave solder temperature rating 260C
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com