Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA5Q0740RTTU Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KA5Q0740RTTU
Description  Fairchild Power Switch(FPS)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5Q0740RTTU Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KA5Q0740RTTU Datasheet HTML 1Page - Fairchild Semiconductor KA5Q0740RTTU Datasheet HTML 2Page - Fairchild Semiconductor KA5Q0740RTTU Datasheet HTML 3Page - Fairchild Semiconductor KA5Q0740RTTU Datasheet HTML 4Page - Fairchild Semiconductor KA5Q0740RTTU Datasheet HTML 5Page - Fairchild Semiconductor KA5Q0740RTTU Datasheet HTML 6Page - Fairchild Semiconductor KA5Q0740RTTU Datasheet HTML 7Page - Fairchild Semiconductor KA5Q0740RTTU Datasheet HTML 8Page - Fairchild Semiconductor KA5Q0740RTTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
KA5Q0740RT
2
Absolute Maximum Ratings
(Ta=25
°C, unless otherwise specified)
Notes:
1. Tj = 25
°C to 150°C
2. Repetitive rating: Pulse width limited by maximum junction temperature
3. L = 30mH, VDD = 50V, RG = 25
Ω, starting Tj = 25°C
4. L = 13uH, starting Tj = 25
°C
Parameter
Symbol
Value
Unit
Drain-Gate Voltage (RGS=1M
Ω)VDGR
400
V
Gate-Source (GND) Voltage
VGS
±30
V
Drain Current Pulsed (2)
IDM
18.4
ADC
Single Pulsed Avalanch Current(3)(Energy (2))IAS(EAS)
20(360)
A(mJ)
Continuous Drain Current (Tc = 25°C)
ID
4.6
ADC
Continuous Drain Current (TC=100
°C)
ID
2.9
ADC
Supply Voltage
VCC
40
V
Analog Input Voltage Range
Vsync
-0.3 to 13V
V
VFB
-0.3 to VCC
V
Total Power Dissipation
PD
42
W
Derating
0.33
W/
°C
Operating Junction Temperature
TJ
+160
°C
Operating Ambient Temperature
TA
-25 to +85
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Thermal Resistance
Rthjc
2.98
°C/W


Similar Part No. - KA5Q0740RTTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA5Q0740RTTU FAIRCHILD-KA5Q0740RTTU Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
More results

Similar Description - KA5Q0740RTTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com