Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM2006 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # SPM2006
Description  SMT POWER INDUCTORS Shielded Drum Core - P1167 Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SPM2006 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  SPM2006_22 Datasheet HTML 1Page - Pulse A Technitrol Company SPM2006_22 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
35
SPM2006 (7/07)
SMT POWER INDUCTORS
Shielded Drum Core - P1167 Series
SUGGESTED PAD LAYOUT
.083
2,11
.287
7,29
.197
5,00
XXX
1
2
.297
7,54
.297
7,54
MAX
MAX
.177
4,50MAX
.197
5,00
.083
2,11
1
2
1
2
Mechanical
Schematic
Weight . . . . . . . . 0.9 grams
Tape & Reel . . . . . . 900/reel
Height: 4.8mm Max
Footprint: 7.5mm x 7.5mm Max
Current Rating: up to 3.5A
Inductance Range: 1.8µH to 750µH
.472
12,00
.630
16,00
TAPE & REEL LAYOUT
.220
5,60
.301
7,65
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Part
Inductance
Inductance
Irated 5
DCR (m
Ω
Ω)
Saturation
6
Heating
7
Core Loss
8
SRF
Number
@0A DC
@Irated
(A DC)
Current
Current
Factor
(MHz)
(
μH ±20%)
(
μH) MIN
TYP
MAX
-25% (A)
+40°C(A)
(K2)
P1167.272
2.7*
1.8
3.5
13
16
3.5
3.6
590
>40
P1167.362
3.6*
2.3
3.1
15
20
3.1
3.4
690
>40
P1167.452
4.5*
2.9
2.6
25
30
2.9
2.6
770
>40
P1167.542
5.4*
3.5
2.5
27
33
2.7
2.5
840
>40
P1167.632
6.3*
4.1
2.4
30
35
2.5
2.4
900
36
P1167.103
10
7.5
2.0
42
50
2.1
2.0
1100
26
P1167.123
12
9.0
1.9
46
57
1.9
1.9
1200
24
P1167.153
15
11.3
1.7
53
66
1.7
1.8
1300
20
P1167.183
18
13.5
1.5
59
73
1.5
1.7
1400
18
P1167.223
22
16.5
1.4
87
105
1.4
1.4
1700
17
P1167.273
27
20.3
1.2
100
130
1.2
1.3
1800
15
P1167.333
33
24.8
1.1
139
170
1.1
1.1
2000
13
P1167.393
39
29.3
1.0
156
200
1.0
1.0
2200
12
P1167.473
47
35.3
0.94
173
220
0.94
1.0
2400
10
P1167.563
56
42
0.86
225
270
0.86
0.86
2600
9.2
P1167.683
68
51
0.78
251
310
0.78
0.81
2900
8.8
P1167.823
82
61.5
0.7
282
350
0.7
0.77
3200
8.0
P1167.104
100
75
0.63
317
390
0.63
0.72
3500
6.2
P1167.124
120
90
0.57
418
530
0.57
0.63
3900
6.1
P1167.154
150
113
0.52
497
610
0.52
0.58
4300
5.6
P1167.184
180
135
0.47
635
820
0.47
0.51
4800
4.5
P1167.224
220
165
0.43
745
930
0.43
0.47
5200
4.3
P1167.274
270
203
0.39
840
1040
0.39
0.44
5700
3.8
P1167.334
330
248
0.35
1162
1470
0.35
0.38
6400
3.0
P1167.394
390
293
0.32
1237
1570
0.32
0.37
6900
2.8
P1167.474
470
353
0.29
1688
2180
0.29
0.31
7600
2.6
P1167.564
560
420
0.26
2240
2960
0.26
0.27
8300
2.4
P1167.684
680
510
0.23
2402
3180
0.23
0.26
9300
2.1
P1167.824
820
615
0.21
2702
3500
0.21
0.25
10000
2.0
P1167.105
1000
750
0.19
3703
4930
0.19
0.21
11000
1.8
* Inductance at 0A DC tolerance on indicated part numbers is ±30%; tolerance is ±20% on all other parts.
NOTES FROM TABLE: (See page 43)
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +130°C


Similar Part No. - SPM2006_22

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SPM2007 PULSE-SPM2007_24 Datasheet
234Kb / 2P
   SMT POWER INDUCTORS Shielded Drum Core - PF0560NL Series
SPM2007 PULSE-SPM2007_27 Datasheet
227Kb / 2P
   SMT POWER INDUCTORS Shielded Drum Core - P1172NL/P1173NL Series
SPM2007 PULSE-SPM2007_33 Datasheet
238Kb / 2P
   SMT POWER INDUCTORS Flat coils - PG0426NL Series
SPM2007 PULSE-SPM2007_39 Datasheet
202Kb / 3P
   SMT POWER INDUCTORS Planar - PA1X9XNL Series
SPM2007 PULSE-SPM2007_42 Datasheet
107Kb / 1P
   SMT POWER INDUCTORS Toroid - Polecat Series
More results

Similar Description - SPM2006_22

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PF0552NL PULSE-PF0552NL Datasheet
320Kb / 4P
   SMT POWER INDUCTORS Shielded Drum Core
SPM2007 PULSE-SPM2007_24 Datasheet
234Kb / 2P
   SMT POWER INDUCTORS Shielded Drum Core - PF0560NL Series
P1167.183NLT PULSE-P1167.183NLT Datasheet
245Kb / 2P
   SMT POWER INDUCTORS Shielded Drum Core - P1167NL Series
SPM2007 PULSE-SPM2007_27 Datasheet
227Kb / 2P
   SMT POWER INDUCTORS Shielded Drum Core - P1172NL/P1173NL Series
P1169.105NLT PULSE-P1169.105NLT Datasheet
190Kb / 2P
   SMT POWER INDUCTORS Shielded Drum Core - P1168NL/P1169NL Series
logo
Tyco Electronics
DS1137 MACOM-DS1137 Datasheet
54Kb / 3P
   Shielded Drum Core Inductors
logo
Pulse A Technitrol Comp...
PG0063 PULSE-PG0063 Datasheet
78Kb / 2P
   SMT POWER INDUCTORS UNSHIELDED DRUM CORE
logo
Eaton All Rights Reserv...
LDS0705 EATON-LDS0705 Datasheet
945Kb / 4P
   Shielded metalized drum core power inductors
logo
Pulse A Technitrol Comp...
PF0580 PULSE-PF0580_16 Datasheet
1Mb / 3P
   SMT UNSHIELDED DRUM CORE INDUCTORS
PF0382NL PULSE-PF0382NL Datasheet
302Kb / 2P
   SMT Power Inductors Unshielded Drum Core - PF0382NL Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com