Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC-20-45 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PC-20-45
Description  Signals PC low power transformers are designed to operate between 50 Hz and 500 Hz without any degradation in output voltage.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PC-20-45 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PC-20-45 Datasheet HTML 1Page - Pulse A Technitrol Company PC-20-45 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Jeff Toombs
95 Paradise Road • Mayflower, AR 72106
501.470-1593 (H) • toombjk@sbcglobal.net
SM
©2008 Signal Transformer — Specification subject to change without notice. 07.08
500 Bayview Avenue, Inwood, NY 11096
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
sales@signaltransformer.com • techhelp@signaltransformer.com
www.signaltransformer.com
37
Jeff Toombs
95 Paradise Road • Mayflower, AR 72106
501.470-1593 (H) • toombjk@sbcglobal.net
Custom versions available upon request.
Miniature Low Power Transformers
Printed Circuit Mount Power Transformers
VA
L
W
H
A-6
A-8
B
Weight
Optional Bracket*
6 Pin
8 Pin
Number
MW
MD
Size
Inches (mm)
oz (kg)
Inches (mm)
1.0
1.00
(25.4)
1.37
(34.92)
0.83
(21.08)
0.25
(6.35)
0.20
(5.08)
1.23
(31.2)
2.5
(0.07)
1.2
1.37
(34.9)
1.12
(28.6)
1.18
(30.15)
0.31
(7.92)
0.20
(5.08)
1.03
(26.2)
3
(0.08)
4.4
1.62
(41.3)
1.25
(31.8)
1.37
(34.92)
0.40
(10.16)
0.25
(6.35)
1.13
(28.7)
5
(0.14)
10.0
1.87
(47.6)
1.43
(36.5)
1.62
(41.27)
0.40
(10.16)
0.25
(6.35)
1.33
(33.7)
9
(0.23)
10-BR
1.64
(41.7)
1.12
(28.6)
24.0
1.62
(41.3)
2.25
(57.2)
1.37
(34.93)
0.40
(10.16)
0.25
(6.35)
2.13
(54.1)
12
(0.34)
24-BR
1.37
(34.9)
2.00
(50.8)
*An optional slide on mounting bracket is available for sizes 10 & 24. These brackets do not consume any additional board space but add 1/32” to the transformer’s height.
See Accessories page for mounting brackets.


Similar Part No. - PC-20-45

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
PC-20-45 BEL-PC-20-45 Datasheet
1Mb / 3P
   Miniature Low Power Transformers
logo
Pulse A Technitrol Comp...
PC-20-45B56 PULSE-PC-20-45B56 Datasheet
105Kb / 1P
   Low Frequency, Open-Style Laminated, Concentric Vertical Profile, PC Plug-In Series
PC-20-45B56 PULSE-PC-20-45B56 Datasheet
162Kb / 1P
   Low Frequency, Open-Style Laminated Concentric Vertical Profile, PC Plug-In Series
More results

Similar Description - PC-20-45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MN605 ETC1-MN605 Datasheet
157Kb / 1P
   50/60 Hz Power Transformers
logo
RENCO ELECTRONICS, INC.
RL-2240 RENCO-RL-2240 Datasheet
1Mb / 3P
   50/60 HZ TRANSFORMERS
RL-2250 RENCO-RL-2250 Datasheet
1Mb / 3P
   50/60 HZ TRANSFORMERS ALL/TRAN?
RLD-2240 RENCO-RLD-2240 Datasheet
1Mb / 3P
   50/60 HZ TRANSFORMERS DUAL/TRAN?
logo
TRIAD MAGNETICS
CST-1010 TRIAD-CST-1010 Datasheet
86Kb / 1P
   50/60 Hz Current Sense Transformers
CST-1020 TRIAD-CST-1020 Datasheet
86Kb / 1P
   50/60 Hz Current Sense Transformers
logo
RENCO ELECTRONICS, INC.
RL-2230 RENCO-RL-2230 Datasheet
1Mb / 3P
   50/60 HZ TRANSFORMERS FLAT/TRAN?
logo
TRIAD MAGNETICS
CST-1005 TRIAD-CST-1005 Datasheet
86Kb / 1P
   50/60 Hz Current Sense Transformers
CST-1015 TRIAD-CST-1015 Datasheet
86Kb / 1P
   50/60 Hz Current Sense Transformers
logo
Micronetics, Inc.
NMA2009-A1D MICRONETICS-NMA2009-A1D Datasheet
295Kb / 2P
   Legacy 500 Hz to 500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com