Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK03N7DPA-00-J5A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJK03N7DPA-00-J5A
Description  30V, 35A, 4.4m max.Built in SBD N Channel Power MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK03N7DPA-00-J5A Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJK03N7DPA-00-J5A Datasheet HTML 1Page - Renesas Technology Corp RJK03N7DPA-00-J5A Datasheet HTML 2Page - Renesas Technology Corp RJK03N7DPA-00-J5A Datasheet HTML 3Page - Renesas Technology Corp RJK03N7DPA-00-J5A Datasheet HTML 4Page - Renesas Technology Corp RJK03N7DPA-00-J5A Datasheet HTML 5Page - Renesas Technology Corp RJK03N7DPA-00-J5A Datasheet HTML 6Page - Renesas Technology Corp RJK03N7DPA-00-J5A Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R07DS0788EJ0200 Rev.2.00
Page 1 of 6
Feb 12, 2013
Preliminary Datasheet
RJK03N7DPA
30V, 35A, 4.4mΩmax.
Built in SBD N Channel Power MOS FET
High Speed Power Switching
Features
 High speed switching
 Capable of 4.5 V gate drive
 Low drive current
 High density mounting
 Low on-resistance
 Pb-free
 Halogen-free
Outline
G
D
SS S
DD D
4
12 3
56 7 8
RENESAS Package code: PWSN0008DE-A
(Package name: WPAK(3F))
1, 2, 3
Source
4
Gate
5, 6, 7, 8 Drain
8
7
6
5
2 1
3
4
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
30
V
Gate to source voltage
VGSS
±20
V
Drain current
ID
35
A
Drain peak current
ID(pulse)
Note1
140
A
Body-drain diode reverse drain current
IDR
35
A
Avalanche current
IAP
Note 2
12
A
Avalanche energy
EAS
Note 2
14.4
mJ
Channel dissipation
Pch
Note3
35
W
Channel to case thermal impedance
ch-c Note3
3.57
C/W
Channel temperature
Tch
150
C
Storage temperature
Tstg
–55 to +150
C
Notes: 1. PW
 10 s, duty cycle  1%
2. Value at Tch = 25
C, Rg  50 
3. Tc = 25
C
R07DS0788EJ0200
Rev.2.00
Feb 12, 2013


Similar Part No. - RJK03N7DPA-00-J5A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK03N0DPA RENESAS-RJK03N0DPA Datasheet
225Kb / 7P
   30V, 45A, 2.4m max. Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03N0DPA-00-J5A RENESAS-RJK03N0DPA-00-J5A Datasheet
225Kb / 7P
   30V, 45A, 2.4m max. Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03N1DPA RENESAS-RJK03N1DPA Datasheet
182Kb / 7P
   30V, 45A, 3.0m max. Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03N1DPA-00-J5A RENESAS-RJK03N1DPA-00-J5A Datasheet
182Kb / 7P
   30V, 45A, 3.0m max. Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03N2DPA RENESAS-RJK03N2DPA Datasheet
234Kb / 7P
   30V, 40A, 4.0m max Built in SBD N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - RJK03N7DPA-00-J5A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK03N3DPA RENESAS-RJK03N3DPA Datasheet
193Kb / 7P
   30V, 35A, 4.7m max. Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03E9DPA RENESAS-RJK03E9DPA_13 Datasheet
123Kb / 7P
   30V, 35A, 4.3m max N Channel Power MOS FET High Speed Power Switching
RJK0353DPA RENESAS-RJK0353DPA_15 Datasheet
108Kb / 7P
   30V, 35A, 5.2m??max. N Channel Power MOS FET High Speed Power Switching
RJK03E6DPA RENESAS-RJK03E6DPA_13 Datasheet
141Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03E5DPA RENESAS-RJK03E5DPA_13 Datasheet
141Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0204DPA RENESAS-RJK0204DPA_13 Datasheet
125Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0208DPA RENESAS-RJK0208DPA_13 Datasheet
125Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0236DPA RENESAS-RJK0236DPA Datasheet
161Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03C5DPA RENESAS-RJK03C5DPA_13 Datasheet
126Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03E4DPA RENESAS-RJK03E4DPA_13 Datasheet
142Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com