Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA5Q1565RFTU Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # KA5Q1565RFTU
Description  Fairchild Power Switch(FPS)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5Q1565RFTU Datasheet(HTML) 5 Page - Fairchild Semiconductor

  KA5Q1565RFTU Datasheet HTML 1Page - Fairchild Semiconductor KA5Q1565RFTU Datasheet HTML 2Page - Fairchild Semiconductor KA5Q1565RFTU Datasheet HTML 3Page - Fairchild Semiconductor KA5Q1565RFTU Datasheet HTML 4Page - Fairchild Semiconductor KA5Q1565RFTU Datasheet HTML 5Page - Fairchild Semiconductor KA5Q1565RFTU Datasheet HTML 6Page - Fairchild Semiconductor KA5Q1565RFTU Datasheet HTML 7Page - Fairchild Semiconductor KA5Q1565RFTU Datasheet HTML 8Page - Fairchild Semiconductor KA5Q1565RFTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
KA5Q-SERIES
5
Absolute Maximum Ratings (SFET Part)
(Ta=25
°C, unless otherwise specified)
Note:
1. Pulse test: Pulse width
≤ 300µS, duty cycle ≤ 2%
Characteristic
Symbol
Test condition
Min.
Typ.
Max.
Unit
KA5Q1565RF
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=50
µA
650
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=Max., Rating,
VGS=0V
-
-
200
µA
VDS=0.8Max., Rating,
VGS=0V, TC=85
°C
-
-
300
µA
Static Drain-Source on Resistance (Note)
RDS(ON)
VGS=10V, ID=7.3A
-
0.5
0.65
W
Input Capacitance
Ciss
VGS=0V, VDS=25V,
f=1MHz
-
2580
-
pF
Output Capacitance
Coss
-
270
-
Reverse Transfer Capacitance
Crss
-
50
-
Turn on Delay Time
td(on)
VDD=0.5BVDSS, ID=14.6A
(MOSFET switching
time are essentially
independent of
operating temperature)
-50-
nS
Rise Time
tr
-
155
-
Turn Off Delay Time
td(off)
-
270
-
Fall Time
tf
-
125
-
Total Gate Charge
(Gate-Source+Gate-Drain)
Qg
VGS=10V, ID=14.6A,
VDS=0.8BVDSS (MOSFET
switching time are
essentially independent of
operating temperature)
-90
117
nC
Gate-Source Charge
Qgs
-
15
-
Gate-Drain (Miller) Charge
Qgd
-
45
-


Similar Part No. - KA5Q1565RFTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA5Q1265RT FAIRCHILD-KA5Q1265RT Datasheet
61Kb / 6P
   product family is specially designed for an off-line SMPS
More results

Similar Description - KA5Q1565RFTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com