Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA741 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # KA741
Description  Single Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA741 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  KA741 Datasheet HTML 1Page - Fairchild Semiconductor KA741 Datasheet HTML 2Page - Fairchild Semiconductor KA741 Datasheet HTML 3Page - Fairchild Semiconductor KA741 Datasheet HTML 4Page - Fairchild Semiconductor KA741 Datasheet HTML 5Page - Fairchild Semiconductor KA741 Datasheet HTML 6Page - Fairchild Semiconductor KA741 Datasheet HTML 7Page - Fairchild Semiconductor KA741 Datasheet HTML 8Page - Fairchild Semiconductor KA741 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
KA741
4
Electrical Characteristics
(VCC = ±15V, unless otherwise specified)
The following specification apply over the range of 0
°C ≤ TA ≤ +70 °C for the KA741; and the -40°C ≤ TA ≤ +85 °C
for the KA741I
Note :
1. Guaranteed by design.
Parameter
Symbol
Conditions
KA741/KA741I
Unit
Min.
Typ.
Max.
Input Offset Voltage
VIO
RS
≤50Ω
--
-
mV
RS
≤10KΩ
--
7.5
Input Offset Voltage Drift
∆VIO/∆T
-
--
µV/ °C
Input Offset Current
IIO
-
-
-
300
nA
Input Offset Current Drift
∆IIO/∆T
-
--
nA/
°C
Input Bias Current
IBIAS
-
--
0.8
µA
Input Resistance (Note1)
RI
VCC =
±20V
-
-
-
M
Input Voltage Range
VI(R)
-
±12
±13
-
V
Output Voltage Swing
VO(P-P)
VCC =
±20V
RS
≥10KΩ
--
-
V
RS
≥2KΩ
--
-
VCC =
±15V
RS
≥10KΩ±12
±14
-
RS
≥2KΩ±10
±13
-
Output Short Circuit Current
ISC
-
10
-
40
mA
Common Mode Rejection Ratio
CMRR
RS
≤10KΩ, VCM = ±12V
70
90
-
dB
RS
≤50Ω, VCM = ±12V
-
-
-
Power Supply Rejection Ratio
PSRR
VCC =
±20V
to
±5V
RS
≤50Ω
--
-
dB
RS
≤10KΩ
77
96
-
Large Signal Voltage Gain
GV
RS
≥2KΩ
VCC =
±20V,
VO(P-P) =
±15V
--
-
V/mV
VCC =
±15V,
VO(P.P) =
±10V
15
-
-
VCC =
±15V,
VO(P-P) =
±2V
--
-


Similar Part No. - KA741

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA741 FAIRCHILD-KA741 Datasheet
121Kb / 12P
   Single Operational Amplifier
logo
List of Unclassifed Man...
KA741 ETC2-KA741 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Fairchild Semiconductor
KA741DTF FAIRCHILD-KA741DTF Datasheet
121Kb / 12P
   Single Operational Amplifier
More results

Similar Description - KA741

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCM2100 UTC-UTCM2100 Datasheet
429Kb / 4P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F Datasheet
208Kb / 5P
   SINGLE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM101A-LM201A STMICROELECTRONICS-LM101A-LM201A Datasheet
165Kb / 11P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TC75S54F TOSHIBA-TC75S54F_07 Datasheet
231Kb / 11P
   Single Operational Amplifier
logo
Fairchild Semiconductor
LM741E FAIRCHILD-LM741E Datasheet
921Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F_07 Datasheet
251Kb / 6P
   Single Operational Amplifier
TA7540P TOSHIBA-TA7540P Datasheet
232Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA301A FAIRCHILD-KA301A Datasheet
57Kb / 6P
   Single Operational Amplifier
logo
Toshiba Semiconductor
TA75061P TOSHIBA-TA75061P Datasheet
255Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
TC75S51F TOSHIBA-TC75S51F Datasheet
260Kb / 8P
   SINGLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com