Electronic Components Datasheet Search |
|
DPC-34-35 Datasheet(PDF) 1 Page - Pulse A Technitrol Company |
|
DPC-34-35 Datasheet(HTML) 1 Page - Pulse A Technitrol Company |
1 / 2 page SM ©2008 Signal Transformer — Specification subject to change without notice. 07.08 500 Bayview Avenue, Inwood, NY 11096 Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208 sales@signaltransformer.com • techhelp@signaltransformer.com www.signaltransformer.com 36 Jeff Toombs 95 Paradise Road • Mayflower, AR 72106 501.470-1593 (H) • toombjk@sbcglobal.net Custom versions available upon request. Jeff Toombs 95 Paradise Road • Mayflower, AR 72106 501.470-1593 (H) • toombjk@sbcglobal.net Signal’s PC low power transformers are designed to operate between 50 Hz and 500 Hz without any degradation in output voltage. General Specifications • Power - 1.0 VA to 24 VA • Dielectric Strength - 1500 Vrms Hipot • Primaries - Single or dual primaries, 115 V or 115/230 V, 50-500 Hz • Dual Secondaries - Series or parallel • Insulation System - Class B, 130º C, UL 1446 E66312 • Mounting Brackets - see chart Agency Certifications • UL recognized to UL 506 / UL 5085-2, File # E63829 • CSA certified to C22.2 #66.1, File # 221070 Miniature Low Power Transformers Printed Circuit Mount Power Transformers Primary 50/500 Hz VA Secondary RMS Rating Single 115V 6 Pin Dual 115/230V 8 Pin Size Series Parallel PC-10-90 DPC-10-90 1.0 10VCT @ 90mA 5V @ 180mA PC-10-120 DPC-10-120 1.2 10VCT @ 120mA 5V @ 240mA PC-10-440 DPC-10-440 4.4 10VCT @ 440mA 5V @ 880mA PC-10-1000 DPC-10-1000 10.0 10VCT @ 1.0A 5V @ 2.0A PC-10-2400 DPC-10-2400 24.0 10VCT @ 2.4A 5V @ 4.8A PC-12-70 DPC-12-70 1.0 12.6VCT @ 70mA 6.3V @ 140mA PC-12-100 DPC-12-100 1.2 12.6VCT @ 100mA 6.3V @ 200mA PC-12-350 DPC-12-350 4.4 12.6VCT @ 350mA 6.3V @ 700mA PC-12-800 DPC-12-800 10.0 12.6VCT @ 800mA 6.3V @ 1.6A PC-12-2000 DPC-12-2000 24.0 12.6VCT @ 2.0A 6.3V @ 4.0A PC-16-55 DPC-16-55 1.0 16VCT @ 55mA 8V @110mA PC-16-75 DPC-16-75 1.2 16VCT @ 75mA 8V @150mA PC-16-260 DPC-16-260 4.4 16VCT @ 260mA 8V @ 520mA PC-16-640 DPC-16-640 10.0 16VCT @ 640mA 8V @ 1.28A PC-16-1500 DPC-16-1500 24.0 16VCT @ 1.50A 8V @ 3.0A PC-20-45 DPC-20-45 1.0 20VCT @ 45mA 10V @ 90mA PC-20-60 DPC-20-60 1.2 20VCT @ 60mA 10V @ 120mA PC-20-220 DPC-20-220 4.4 20VCT @ 220mA 10V @ 440mA PC-20-500 DPC-20-500 10.0 20VCT @ 500mA 10V @ 1.0A PC-20-1200 DPC-20-1200 24.0 20VCT @ 1.20A 10V @ 2.40A PC-24-35 DPC-24-35 1.0 24VCT @ 35mA 12V @ 70mA PC-24-50 DPC-24-50 1.2 24VCT @ 50mA 12V @ 100mA PC-24-180 DPC-24-180 4.4 24VCT @ 180mA 12V @ 360mA PC-24-450 DPC-24-450 10.0 24VCT @ 450mA 12V @ 900mA PC-24-1000 DPC-24-1000 24.0 24VCT @ 1.0A 12V @ 2.0A PC-28-30 DPC-28-30 1.0 28VCT @ 30mA 14V @ 60mA PC-28-40 DPC-28-40 1.2 28VCT @ 40mA 14V @ 80mA PC-28-160 DPC-28-160 4.4 28VCT @ 160mA 14V @ 320mA PC-28-360 DPC-28-360 10.0 28VCT @ 360mA 14V @ 720mA PC-28-800 DPC-28-800 24.0 28VCT @ 800mA 14V @ 1.60A PC-34-25 DPC-34-25 1.0 34VCT @ 25mA 17V @ 50mA PC-34-35 DPC-34-35 1.2 34VCT @ 35mA 17V @ 70mA PC-34-125 DPC-34-125 4.4 34VCT @ 125mA 17V @ 250mA PC-34-300 DPC-34-300 10.0 34VCT @ 300mA 17V @ 600mA PC-34-700 DPC-34-700 24.0 34VCT @ 700mA 17V @ 1.40A PC-40-20 DPC-40-20 1.0 40VCT @ 20mA 20V @ 40mA PC-40-30 DPC-40-30 1.2 40VCT @ 30mA 20V @ 60mA PC-40-110 DPC-40-110 4.4 40VCT @ 110mA 20V @ 220mA PC-40-250 DPC-40-250 10.0 40VCT @ 250mA 20V @ 500mA PC-40-600 DPC-40-600 24.0 40VCT @ 600mA 20V @ 1.20A PC-56-15 DPC-56-15 1.0 56VCT @ 15mA 28V @ 30mA PC-56-20 DPC-56-20 1.2 56VCT @ 20mA 28V @ 40mA PC-56-80 DPC-56-80 4.4 56VCT @ 80mA 28V @ 160mA PC-56-180 DPC-56-180 10.0 56VCT @ 180mA 28V @ 360mA PC-56-420 DPC-56-420 24.0 56VCT @ 420mA 28V @ 840mA PC-120-8 DPC-120-8 1.0 120VCT @ 8mA 60V @ 16mA PC-120-10 DPC-120-10 1.2 120VCT @ 10mA 60V @ 20mA PC-120-35 DPC-120-35 4.4 120VCT @ 35mA 60V @ 70mA PC-120-85 DPC-120-85 10.0 120VCT @ 85mA 60V @ 170mA PC-120-200 DPC-120-200 24.0 120VCT @ 200mA 60V @ 400mA 1 6 Pin Type PC 115V 50 - 500 Hz 3 4 6 5 2 Indicates like polarity 1 8 Pin Type DPC 115V 50-500 Hz 5 6 8 7 3 4 2 Indicates like polarity 115V 50-500 Hz |
Similar Part No. - DPC-34-35 |
|
Similar Description - DPC-34-35 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |