Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2013297-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 2013297-1
Description  DDR3 DIMM Sockets
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2013297-1 Datasheet(HTML) 2 Page - Tyco Electronics

  2013297-1 Datasheet HTML 1Page - Tyco Electronics 2013297-1 Datasheet HTML 2Page - Tyco Electronics 2013297-1 Datasheet HTML 3Page - Tyco Electronics 2013297-1 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DDR3 DIMM Sockets
TE Connectivity
KEY FEATURES
•DDR3 DIMM Vertical
Through Hole
•DDR3 DIMM Vertical
Surface Mount
•DDR3 DIMM Right
Angle Surface Mount
•Mini DIMM Right
Angle Surface Mount
APPLICATIONS
Applications : Servers, Notebook PCs, Communications Equipment
PRODUCT OFFERING Cont.
DDR3 SO DIMM 204 position Right Angle Surface Mount 4.0mm Height
Part Number
Std Keying
Part Number
Rvs Keying
Contact
Plating
Housing
Color
Boss
Packaging
2013022-1
2013287-1
Gold flash
Black
With
Tray
2013022-2
2013287-2
Gold (10)
Black
With
Tray
2013022-3
2013287-3
Gold (30)
Black
With
Tray
2-2013022-1
2-2013287-1
Gold flash
Black
With
Reel
2-2013022-2
2-2013287-2
Gold (10)
Black
With
Reel
2-2013022-3
2-2013287-3
Gold (30)
Black
With
Reel
DDR3 SO DIMM 204 position Right Angle Surface Mount 8.0mm Height
Part Number
Std Keying
Part Number
Rvs Keying
Contact
Plating
Housing
Color
Boss
Packaging
2013297-1
2013298-1
Gold flash
Black
With
Tray
2013297-2
2013298-2
Gold (10)
Black
With
Tray
2013297-3
2013298-3
Gold (30)
Black
With
Tray
2-2013297-1
2-2013298-1
Gold flash
Black
With
Reel
2-2013297-2
2-2013298-2
Gold (10)
Black
With
Reel
2-2013297-3
2-2013298-3
Gold (30)
Black
With
Reel
DDR3 SO DIMM 204 position Right Angle Surface Mount 9.2mm Height
Part Number
Std Keying
Part Number
Rvs Keying
Contact
Plating
Housing
Color
Boss
Packaging
2013310-1
2013311-1
Gold flash
Black
With
Tray
2013310-2
2013311-2
Gold (10)
Black
With
Tray
2013310-3
2013311-3
Gold (30)
Black
With
Tray
2-2013310-1
2-2013311-1
Gold flash
Black
With
Reel
2-2013310-2
2-2013311-2
Gold (10)
Black
With
Reel
2-2013310-3
2-2013311-3
Gold (30)
Black
With
Reel
Mini DIMM 244 Position Right Angle Surface Mount
Part Number
Keying
Contact
Plating
Height
Housing
Color
Packaging
1735438-2
Reverse
Gold (30)
9.79 mm
Black
Tray
1735438-4
Standard
Gold (30)
9.79 mm
Black
Tray
1-1735438-2
Reverse
Gold (15)
9.79 mm
Black
Tray
1-1735438-4
Standard
Gold (15)
9.79 mm
Black
Tray
DDR3 DIMM 240 Position Vertical Surface Mount
Part Number
Contact Plating
Housing Color Extractor Color
Packaging
2040727-1
Gold Flash
Black
Natural
Tray
2040727-4
Gold (15)
Black
Natural
Tray
2040727-5
Gold (30)
Natural
Natural
Tray
2040727-6
Gold (30)
Black
Black
Tray
2040727-7
Gold (30)
Black
Natural
Tray
DDR3 SO DIMM 204 position Right Angle Surface Mount 5.2mm Height
Part Number
Std Keying
Part Number
Rvs Keying
Contact
Plating
Housing
Color
Boss
Packaging
2013289-1
2013290-1
Gold flash
Black
With
Tray
2013289-2
2013290-2
Gold (10)
Black
With
Tray
2013289-3
2013290-3
Gold (30)
Black
With
Tray
2-2013289-1
2-2013290-1
Gold flash
Black
With
Reel
2-2013289-2
2-2013290-2
Gold (10)
Black
With
Reel
2-2013289-3
2-2013290-3
Gold (30)
Black
With
Reel


Similar Part No. - 2013297-1

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
201323B ITF-201323B Datasheet
204Kb / 5P
   SAW Bandpass Filter
More results

Similar Description - 2013297-1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
78588-0002 MOLEX2-78588-0002 Datasheet
215Kb / 3P
   Ultra-Low-Profile DDR3 DIMM Sockets
logo
List of Unclassifed Man...
SGU02G64B1BG2SA-BB[EIW]R ETC-SGU02G64B1BG2SA-BB[EIW]R Datasheet
467Kb / 14P
   2048MB DDR3 ??SDRAM DIMM
SGU08G64B1BB2SA-BB[EW]R ETC-SGU08G64B1BB2SA-BB[EW]R Datasheet
764Kb / 16P
   8192MB DDR3 ??SDRAM DIMM
logo
Molex Electronics Ltd.
62202-3810 MOLEX-62202-3810 Datasheet
275Kb / 5P
   DDR3 DIMM Extraction Tool
11-22-16
logo
List of Unclassifed Man...
SGU04G64B1BD2SA-BB[W]R ETC-SGU04G64B1BD2SA-BB[W]R Datasheet
726Kb / 16P
   4096MB DDR3 ??SDRAM DIMM
logo
Molex Electronics Ltd.
62202-3810 MOLEX11-62202-3810 Datasheet
36Kb / 1P
   DDR3 DIMM Extraction Tool
logo
Elpida Memory
EBJ21UE8BFU1 ELPIDA-EBJ21UE8BFU1 Datasheet
232Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
EBJ81UG8BBU0 ELPIDA-EBJ81UG8BBU0 Datasheet
152Kb / 16P
   8GB DDR3 SDRAM SO-DIMM
EBJ20EF8BCFA ELPIDA-EBJ20EF8BCFA Datasheet
211Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
logo
List of Unclassifed Man...
SGN02G64E1BG2MT-BB[EW]RT ETC2-SGN02G64E1BG2MT-BB[EW]RT Datasheet
546Kb / 15P
   2048MB DDR3 ??SDRAM SO-DIMM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com