Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSA50680RE Datasheet(PDF) 2 Page - Tyco Electronics

Part # HSA50680RE
Description  Aluminium Housed Power Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

HSA50680RE Datasheet(HTML) 2 Page - Tyco Electronics

  HSA50680RE Datasheet HTML 1Page - Tyco Electronics HSA50680RE Datasheet HTML 2Page - Tyco Electronics HSA50680RE Datasheet HTML 3Page - Tyco Electronics HSA50680RE Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Characteristics - Electrical
Long Term Stability:
For improvements in long-term stability, resistors must be derated
as follows; for 50% of stated ΔR maximum dissipation must not
exceed 70% of rating; for 25% of stated ΔR maximum, dissipation
must not exceed 50% of rating
Insulation Resistance:
Dry: 10,000MΩ minimum. After moisture test: 1000MΩ minimum.
Heat Dissipation:
Although the use of proprietary heat sinks with lower thermal
resistance is acceptable, up rating is not recommended.
The use of proprietary heat sink compound to improve thermal
conductivity is recommended for optimum performance of all
sizes but essential for HSC200, HSC250 & HSC300
Specification:
Temperature coefficient below 100R, 50ppm/°C
Temperature coefficient above 100R, 30ppm/°C
Tolerance, 5% standard: 10%, 3%, 2%, 0.5% & 0.25% available
Tolerance for values below R10, 10% standard
Derating Curve HSA5 to HSA50
0
25
50
75
100
125
150
175 200
225
250 275
Heatsink Temp. (degC)
60
50
40
30
20
10
0
HSA5
HSA50
HSA25
HSA10
0
25
50
75
100
125
150
175 200
225
250 275
Heatsink Temp. (degC)
350
300
250
200
150
100
50
0
Derating Curve HSC75 to HSC300
HSC300
HSC250
HSC200
HSC150
HSC100
HSC75
0.01
0.1
1
10
100
1000
10000
100000
Resistance (Ohms)
400
350
300
250
200
150
100
50
0
HSA5
HSA10
HSA25
HSA50
HSC75
Pulse Energy HSA5 to HSC75
Aluminium Housed Power Resistors
Type HS Series
1773035 CIS BI 10/2011
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.


Similar Part No. - HSA50680RE

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
HSA50680RE TEC-HSA50680RE Datasheet
180Kb / 4P
   Aluminium Housed Power Resistors
More results

Similar Description - HSA50680RE

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
THS5047RJ MACOM-THS5047RJ Datasheet
120Kb / 3P
   Aluminium Housed Power Resistors
logo
TE Connectivity Ltd
1773035 TEC-1773035 Datasheet
180Kb / 4P
   Aluminium Housed Power Resistors
HSA50 TEC-HSA50 Datasheet
180Kb / 4P
   Aluminium Housed Power Resistors
logo
Tyco Electronics
THS10270RJ MACOM-THS10270RJ Datasheet
120Kb / 3P
   Aluminium Housed Power Resistors
THS25R82J MACOM-THS25R82J Datasheet
120Kb / 3P
   Aluminium Housed Power Resistors
THS25R01J MACOM-THS25R01J Datasheet
120Kb / 3P
   Aluminium Housed Power Resistors
logo
Welwyn Components Limit...
WH5 WELWYN-WH5_12 Datasheet
2Mb / 4P
   Aluminium Housed Wirewound Resistors
WH5 WELWYN-WH5 Datasheet
71Kb / 3P
   Aluminium Housed Wirewound Resistors
WH5 WELWYN-WH5 Datasheet
862Kb / 4P
   Aluminium Housed Wirewound Resistors
logo
Ohmite Mfg. Co.
HS10 OHMITE-HS10 Datasheet
352Kb / 2P
   HS Aluminium Housed Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com