Selected language     English  ▼


0-1393303-9 Datasheet(PDF) 6 Page - Tyco Electronics

Part No. 0-1393303-9
Description  Plug-in relays Mini ISO relays
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 6 page
background image
Plug-in relays
Mini ISO relays
Power relay F4
Please observe the disclaimer.
37
Catalog 1308028
Issued 01-05
Ordering information (Production in Europe, Asia and South America)
Coil
Must
Must
Coil data
Rated coil
resistance
operate
release
Allowable overdrive 1)
for Power relay F4
voltage
+/- 10%
voltage
voltage
voltage (V)
(V)
(
Ω)
(V)
(V)
at 23 °C
at 85 °C
V23134-**052-****
12
91
7.2
1.6
23
18
V23134-**053-****
24
332
14.4
3.2
44
34
V23134-**056-****
24
275
16.0
4.0
38
30
V23134-**064-****
24
345
14.4
2.4
40.5
31.5
1)
Allowable overdrive is stated with no load applied and minimum coil resistance.
Coil versions
Part numbers
(see table below for coil data)
Contact
Contact
Enclosure
Special
Relay part number
Tyco order number
arrangement
material
features
12 V pcb relays
V23134-A0052-G243
2-1393302-3
1 Form C
AgNi0.15
Dust cover
V23134-A0052-X812*)
4-1393305-5
1 Form C
AgNi0.15
Sealed
V23134-A0052-X813*)
4-1393305-7
1 Form C
AgNi0.15
Sealed
Resistor 680
V23134-B0052-G242
7-1393302-7
1 Form A
AgNi0.15
Dust cover
V23134-B0052-X802*)
2-1393305-2
1 Form A
AgNi0.15
Sealed
V23134-C0052-G242
4-1393303-0
1 Form A (2 pins 87)
AgNi0.15
Dust cover
V23134-M0052-G242
5-1393304-7
1 Form U
AgNi0.15
Dust cover
24 V pcb relays
V23134-A0053-G243
5-1393302-2
1 Form C
AgNi0.15
Dust cover
V23134-A0064-X820*)
5-1393305-9
1 Form C
AgNi0.15
Sealed
V23134-B0053-G242
1-1393303-0
1 Form A
AgNi0.15
Dust cover
V23134-C0053-G242
4-1393303-5
1 Form A (2 pins 87)
AgNi0.15
Dust cover
V23134-M0053-G242
6-1393304-8
1 Form U
AgNi0.15
Dust cover
*)
Marking according to VF4 shematic.
Standard delivery packs (orders in multiples of delivery pack)
Power relay F4
Quick connect verson:
315 pieces
Quick connect with bracket:
200 pieces
PCB version:
200 pieces




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl