Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7101MD9APE Datasheet(PDF) 3 Page - C&K Components

Part # 7101MD9APE
Description  7000 Series Miniature Toggle Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

7101MD9APE Datasheet(HTML) 3 Page - C&K Components

  7101MD9APE Datasheet HTML 1Page - C&K Components 7101MD9APE Datasheet HTML 2Page - C&K Components 7101MD9APE Datasheet HTML 3Page - C&K Components 7101MD9APE Datasheet HTML 4Page - C&K Components 7101MD9APE Datasheet HTML 5Page - C&K Components 7101MD9APE Datasheet HTML 6Page - C&K Components 7101MD9APE Datasheet HTML 7Page - C&K Components 7101MD9APE Datasheet HTML 8Page - C&K Components 7101MD9APE Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
7000 Series
Miniature Toggle Switches
SWITCH FUNCTION
4PDT
2-1,5-4,8-7,11-10
2-1,5-4,8-7,11-10
2-1,5-4,8-7,11-10
2-1,5-4,8-7,11-10
N/A
OPEN
N/A
2-3,5-4,8-9,11-10
2-3,5-6,8-9,11-12
2-3,5-6,8-9,11-12
2-3,5-6,8-9,11-12
2-3,5-6,8-9,11-12
ON
NONE
ON
ON
OFF
ON
MOM.
OFF
MOM.
ON
NONE
MOM.
ON
ON
ON
ON
ON
MOM.
MOM.
ON
MOM.
U41
U43
U45
U48
U411*
U413*
U415*
7401
7403
7405
7408
7411*
7413*
7415*
4P
3PDT
2-1,5-4,8-7
2-1,5-4,8-7
2-1,5-4,8-7
N/A
OPEN
N/A
2-3,5-6,8-9
2-3,5-6,8-9
2-3,5-6,8-9
ON
NONE
ON
ON
OFF
ON
MOM.
OFF
MOM.
ON
OFF
MOM.
ON
NONE
MOM.
U31
U33
U35
U37
U38
7301
7303
7305
7307
7308
3P
SCHEMATIC
CONNECTED TERMINALS
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
POS. 1
POS. 2
POS. 3
UL/CSA**
MODEL
NO.
MODEL NO.
NO.
POLES
4PDT
3PDT
Part number shown: 7301SYZQE
Part number shown: 7401SYZQE
MOM. = Momentary
* Wiring for 3-way switch, see Section N.
** U11–U415 model nos.
with all options when ordered with G, Q, R or S contact material.
1/4-40 UNS-2A
KEYWAY
Terminal Numbers
For Reference Only
1/4-40 UNS-2A
KEYWAY
Terminal Numbers
For Reference Only
F–5
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
F


Similar Part No. - 7101MD9APE

ManufacturerPart #DatasheetDescription
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
More results

Similar Description - 7101MD9APE

ManufacturerPart #DatasheetDescription
logo
C&K Components
7101SD9AV2BE CK-COMPONENTS-7101SD9AV2BE Datasheet
1Mb / 14P
   7000 Series Miniature Toggle Switches
7201SYZQE CK-COMPONENTS-7201SYZQE_13 Datasheet
1Mb / 14P
   7000 Series Miniature Toggle Switches
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
C&K Components
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
   Miniature Toggle Switches
U15P4YZQE CK-COMPONENTS-U15P4YZQE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A_1 Datasheet
612Kb / 5P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
   Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
   Miniature Toggle Switches
15 Jan 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com