Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1AFS1500-2FG484YI Datasheet(PDF) 2 Page - Microsemi Corporation

Part # P1AFS1500-2FG484YI
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS1500-2FG484YI Datasheet(HTML) 2 Page - Microsemi Corporation

  P1AFS1500-2FG484YI Datasheet HTML 1Page - Microsemi Corporation P1AFS1500-2FG484YI Datasheet HTML 2Page - Microsemi Corporation P1AFS1500-2FG484YI Datasheet HTML 3Page - Microsemi Corporation P1AFS1500-2FG484YI Datasheet HTML 4Page - Microsemi Corporation P1AFS1500-2FG484YI Datasheet HTML 5Page - Microsemi Corporation P1AFS1500-2FG484YI Datasheet HTML 6Page - Microsemi Corporation P1AFS1500-2FG484YI Datasheet HTML 7Page - Microsemi Corporation P1AFS1500-2FG484YI Datasheet HTML 8Page - Microsemi Corporation P1AFS1500-2FG484YI Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
II
Revision 4
Fusion Device Architecture Overview
Package I/Os: Single-/Double-Ended (Analog)
Figure 1 •
Fusion Device Architecture Overview (AFS600)
Fusion Devices
AFS090
AFS250
AFS600
AFS1500
ARM Cortex-M1 Devices
M1AFS250
M1AFS600
M1AFS1500
Pigeon Point Devices
P1AFS600 1
P1AFS1500 1
MicroBlade Devices
U1AFS250 2
U1AFS600 2
U1AFS1500 2
QN108
37/9 (16)
QN180
60/16 (20)
65/15 (24)
PQ208 3
93/26 (24)
95/46 (40)
FG256
75/22 (20)
114/37 (24)
119/58 (40)
119/58 (40)
FG484
172/86 (40)
223/109 (40)
FG676
252/126 (40)
Notes:
1. Pigeon Point devices are only offered in FG484 and FG256.
2. MicroBlade devices are only offered in FG256.
3. Fusion devices in the same package are pin compatible with the exception of the PQ208 package (AFS250 and AFS600).
VersaTile
CCC
CCC
I/Os
OSC
CCC/PLL
Bank 0
Bank 1
Bank 3
SRAM Block
4,608-Bit Dual-Port SRAM
or FIFO Block
SRAM Block
4,608-Bit Dual-Port SRAM
or FIFO Block
Flash Memory Blocks
Flash Memory Blocks
ADC
Analog
Quad
ISP AES
Decryption
User Nonvolatile
FlashROM
Charge Pumps
Analog
Quad
Analog
Quad
Analog
Quad
Analog
Quad
Analog
Quad
Analog
Quad
Analog
Quad
Analog
Quad
Analog
Quad


Similar Part No. - P1AFS1500-2FG484YI

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
P1AFS1500 MICROSEMI-P1AFS1500 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
P1AFS15002 MICROSEMI-P1AFS15002 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
More results

Similar Description - P1AFS1500-2FG484YI

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AFS600-FGG484 MICROSEMI-AFS600-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS1500-FGG484 MICROSEMI-AFS1500-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS090 MICROSEMI-AFS090 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
logo
Actel Corporation
M7AFS600-1FGG256I ACTEL-M7AFS600-1FGG256I Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
U1AFS600-FGG256I ACTEL-U1AFS600-FGG256I Datasheet
8Mb / 17P
   Actel Fusion Mixed-Signal FPGA
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com