Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DST6-56B36 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # DST6-56B36
Description  Laminated Transformers Low Frequency Open-Style Laminated Split Bobbin Horizontal Plug-In Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

DST6-56B36 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  DST6-56B36 Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
USA 858 674 8100 Germany 49 7032 7806 0 Singapore 65 6287 8998 Shanghai 86 21 54643211 / 2 China 86 769 85538070 Taiwan 886 3 4641811
www.pulseeng.com
42
LT2007 (12/09)
Part No.
Part No.
Secondary RMS Rating
115V-6Pin
115/230V-8Pin
Series
Parallel
ST2-10B411
DST2-10B411
10V C.T. @ 0.11A
5V @ 0.22A
ST3-10B11
DST3-10B11
10V C.T. @ 0.25A
5V @ 0.5A
ST4-10B2
DST4-10B2
10V C.T. @ 0.6A
5V @ 1.2A
ST5-10B3
DST5-10B3
10V C.T. @ 1.2A
5V @ 2.4A
ST6-10B4
DST6-10B4
10V C.T. @ 2A
5V @ 4A
ST7-10B51
DST7-10B51
10V C.T. @ 3.6A
5V @ 7.2A
ST2-12B421
DST2-12B421
12.6V C.T. @ 0.09A
6.3V @ 0.18A
ST3-12B51
DST3-12B51
12.6V C.T. @ 0.2A
6.3V @ 0.4A
ST4-12B6
DST4-12B6
12.6V C.T. @ 0.5A
6.3V @ 1.0A
ST5-12B7
DST5-12B7
12.6V C.T. @ 1.0A
6.3V @ 2.0A
ST6-12B8
DST6-12B8
12.6V C.T. @ 1.6A
6.3V @ 3.2A
ST7-12B52
DST7-12B52
12.6V C.T. @ 2.85A
6.3V @ 5.7A
ST2-16B431
DST2-16B431
16V CT. @ 0.07A
8V @ 0.14A
ST3-16B91
DST3-16B91
16V C.T.@ 0.15A
8V @ 0.3A
ST4-16B10
DST4-16B10
16V C.T.@ 0.4A
8V @ 0.8A
ST5-16B11
DST5-16B11
16V C.T.@ 0.8A
8V @ 1.6A
ST6-16B12
DST6-16B12
16V C.T.@ 1.25A
8V @ 2.5A
ST7-16B53
DST7-16B53
16V C.T.@ 2.25A
8V @ 4.5A
ST2-20B441
DST2-20B441
20V C.T. @ 0.055A
10V @ 0.11A
ST3-20B131
DST3-20B131
20V C.T. @ 0.12A
10V @ 0.24A
ST4-20B14
DST4-20B14
20V C.T. @ 0.3A
10V @ 0.6A
ST5-20B15
DST5-20B15
20V C.T. @ 0.6A
10V @ 1.2A
ST6-20B16
DST6-20B16
20V C.T. @ 1A
10V @ 2A
ST7-20B54
DST7-20B54
20V C.T. @ 1.8A
10V @ 3.6A
ST2-24B451
DST2-24B451
24V C.T. @ 0.045A
12V @ 0.09A
ST3-24B171
DST3-24B171
24V C.T. @ 0.1A
12V @ 0.2A
ST4-24B18
DST4-24B18
24V C.T. @ 0.25A
12V @ 0.5A
ST5-24B19
DST5-24B19
24V C.T. @ 0.5A
12V @ 1.0A
ST6-24B20
DST6-24B20
24V C.T. @ 0.8A
12V @ 1.6A
ST7-24B55
DST7-24B55
24V C.T. @ 1.5A
12V @ 3.0A
ST2-28B46
DST2-28B46
28V C.T. @ 0.04A
14V @ 0.08A
ST3-28B21
DST3-28B21
28V C.T. @ 0.085A
14V @ 0.17A
ST4-28B22
DST4-28B22
28V C.T. @ 0.2A
14V @ 0.4A
ST5-28B23
DST5-28B23
28V C.T. @ 0.42A
14V @ 0.84A
ST6-28B24
DST6-28B24
28V C.T. @ 0.7A
14V @ 1.4A
ST7-28B56
DST7-28B56
28V C.T. @ 1.3A
14V @ 2.6A
ST2-36B47
DST2-36B47
36V C.T. @ 0.03A
18V @ 0.06A
ST3-36B25
DST3-36B25
36V C.T. @ 0.065A
18V @ 0.13A
ST4-36B26
DST4-36B26
36V C.T. @ 0.17A
18V @ 0.34A
ST5-36B27
DST5-36B27
36V C.T. @ 0.35A
18V @ 0.7A
ST6-36B28
DST6-36B28
36V C.T. @ 0.55A
18V @ 1.1A
ST7-36B57
DST7-36B57
36V C.T. @1.0A
18V @ 2.0A
ST2-48B48
DST2-48B48
48V C.T. @ 0.023A
24V @ .046A
ST3-48B29
DST3-48B29
48V C.T. @ 0.05A
24V @ 0.1A
ST4-48B30
DST4-48B30
48V C.T. @ 0.125A
24V @ 0.25A
ST5-48B31
DST5-48B31
48V C.T. @ 0.25A
24V @ 0.5A
ST6-48B32
DST6-48B32
48V C.T. @ 0.4A
24V @ 0.8A
ST7-48B58
DST7-48B58
48V C.T. @ 0.75A
24V @ 1.5A
ST2-56B49
DST2-56B49
56V C.T. @ 0.02A
28V @ 0.04A
ST3-56B33
DST3-56B33
56V C.T. @ 0.045A
28V @ 0.09A
ST4-56B34
DST4-56B34
56V C.T. @ 0.11A
28V @ 0.22A
ST5-56B35
DST5-56B35
56V C.T. @ 0.22A
28V @ 0.44A
ST6-56B36
DST6-56B36
56V C.T. @ 0.35A
28V @ 0.7A
ST7-56B59
DST7-56B59
56V C.T. @ 0.65A
28V @ 1.3A
ST2-120B50
DST2-120B50
120V C.T. @ 0.01A
60V @ 0.02A
ST3-120B37
DST3-120B37
120V C.T. @ 0.02A
60V @ 0.04A
ST4-120B38
DST4-120B38
120V C.T. @ 0.05A
60V @ 0.1A
ST5-120B39
DST5-120B39
120V C.T. @ 0.1A
60V @ 0.2A
ST6-120B40
DST6-120B40
120V C.T. @ 0.16A
60V @ 0.32A
ST7-120B60
DST7-120B60
120V C.T. @ 0.3A
60V @ 0.6A
��������
���������
��
����
����
�����������
����
����
Mechanicals
Schematics
AgeNcy
APPRoVAlS
n
UL, 506, File E73539
n
UL 1446, File E179499
n
UL 1585, File E169010
Class 2 Component
Recognition
n
CSA 22.2#66,
File LR68051-2
n
UL Recognized Class B
1 Ul 1585 approved, class 2 - Not Wet, class 3 - Wet
Dimensions (inches)
Size
VA
l
W
H
A
B
c
Ml
Wt.
(lb.)
2
1.1
1.13
1.13
0.94
0.25
0.25
1.20
----
0.17
3
2.4
1.38
1.13
1.19
0.25
0.25
1.20
----
0.25
4
6.0
1.63
1.31
1.31
0.25
0.35
1.28
1.06
0.44
5
12
1.86
1.56
1.44
0.30
0.40
1.41
1.25
0.70
6
20
2.25
1.86
1.44
0.30
0.40
1.60
1.50
0.80
7*
36
2.63
2.19
1.56
0.40
0.40
1.80
----
1.10
*Size 7 has 4 MTG. holes on 2.188” x 1.75” centers.
NOTE: Pins 2 and 3 are omitted
on single primary versions.
LaMinateD tranSforMerS
low Frequency, open-Style laminated,
Split Bobbin, Horizontal Plug-In Series
High (2500V) isolation; 2500VRMS HIPOT
Non-concentric design - eliminates ESS
No crossover between primary/secondary winding leads
Vacuum impregnated - withstands board washing
systems and reduces audible noise
Baked resin provides an environmentally-resistant finish
Rugged construction - no additional mounting hardware
Universal design, fits industry-standard footprints
Available in single or dual primary


Similar Part No. - DST6-56B36

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
DST6-56B36 PULSE-DST6-56B36 Datasheet
159Kb / 1P
   Low Frequency, Open-Style Laminated, Split Bobbin, Horizontal Plug-In Series
More results

Similar Description - DST6-56B36

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
ST2-10B41 PULSE-ST2-10B41 Datasheet
159Kb / 1P
   Low Frequency, Open-Style Laminated, Split Bobbin, Horizontal Plug-In Series
14A-2.5-10B1 PULSE-14A-2.5-10B1 Datasheet
164Kb / 1P
   Laminated Transformers Low Frequency, Open-Style Laminated, International PC Plug-In Series
A41-25-10A1 PULSE-A41-25-10A1 Datasheet
160Kb / 1P
   Laminated Transformers Low Frequency, Open-Style Laminated, International High Power Series
PC-10-90B53 PULSE-PC-10-90B53 Datasheet
105Kb / 1P
   Low Frequency, Open-Style Laminated, Concentric Vertical Profile, PC Plug-In Series
PC-10-90B53 PULSE-PC-10-90B53 Datasheet
162Kb / 1P
   Low Frequency, Open-Style Laminated Concentric Vertical Profile, PC Plug-In Series
030-7257-0 PULSE-030-7257-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7273-0 PULSE-030-7273-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7275-0 PULSE-030-7275-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7277-0 PULSE-030-7277-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7292-0 PULSE-030-7292-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com