Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30927 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 30927
Description  SOLISTRAND, Budget and DIAMOND GRIP
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

30927 Datasheet(HTML) 3 Page - Tyco Electronics

  30927 Datasheet HTML 1Page - Tyco Electronics 30927 Datasheet HTML 2Page - Tyco Electronics 30927 Datasheet HTML 3Page - Tyco Electronics 30927 Datasheet HTML 4Page - Tyco Electronics 30927 Datasheet HTML 5Page - Tyco Electronics 30927 Datasheet HTML 6Page - Tyco Electronics 30927 Datasheet HTML 7Page - Tyco Electronics 30927 Datasheet HTML 8Page - Tyco Electronics 30927 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
SOLISTRAND, Budget and DIAMOND GRIP
Uninsulated Terminals and Splices
Catalog 65505
Revised 9-00
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
3
How to Compute Circular Mil Area of Various Wire Shapes
Square or Rectangular Wire
Round Solid Wire AWG
Stranded Wire AWG
U.S. Customary Dimensions
Multiply the width of the wire cross section
in mils by the thickness of the wire cross
section in mils by 1.2732 and subtract the
radius factor shown below.
CMA = W x T x 1.2732 – radius factor
Multiply the diameter in mils by itself.
CMA = D
2
Multiply the diameter of one strand (in mils)
by itself, and then multiply the result by the
total number of strands.
CMA = D
2 x N
Metric Dimensions
Multiply the width of the wire cross section in
millimetres by the thickness of the wire cross
section in millimetres by 1973.525 and sub-
tract the radius factor shown below.
CMA = W x T x 1973.525 – radius factor
Multiply the diameter in milllimetres by itself
by 1550.003
CMA = D
2 x 1550.003
Multiply the diameter of one strand in mil-
limetres by itself by the number of strands
by 1550.003.
CMA = D
2 x N x 1550.003
Radius Factor, U.S. Customary
Radius
Radius Factor
(in.)
To Subtract
(CMA)
.010
110
.012
158
.016
280
.020
438
.026
740
.032
1121
.040
1752
.063
4346
.094
9675
Radius must be measured.
Conversion Table
To
Convert
To
Multiply By
From
CMA
mm2
.0005067075
CMA
in2
.0000007854
mm2
in2
.001550003
mm2
CMA
1973.525
Note: Refer to table listing for circu-
lar mil area for common wire sizes.
Radius Factor, Metric
Radius
Radius Factor
(mm)
To Subtract
(CMA)
0.25
106
0.3
153
0.35
208
0.4
272
0.5
424
0.6
611
0.8
1086
1.2
2444
Radius must be measured.
Table of SOLISTRAND and Budget Standard Wire Ranges
Use to select the proper size terminals or splices.
Terminal Connector
CMA Range
Size
26–22
202–810
24–20
320–1,290
22–16
509–3,260
16–14 & 16–14 HD
2,050–5,180
14–12
3,260–8,230
12–10
5,180–13,100
8 & 8 HD
13,100–20,800
6 & 6 HD
20,800–33,100
4 & 4 HD
33,100–52,600
HD-Denotes Heavy Duty Terminal.
Terminal Connector
CMA Range
Size
2 & 2 HD
52,600–83,700
1/0 & 1/0 HD
83,700–119,500
2/0
119,500–150,500
3/0
150,500–190,000
4/0
190,000–231,000
250–300 MCM
231,000–300,000
300–350 MCM
300,000–380,000
400 MCM
350,000–478,000
500–600 MCM
478,000–600,000


Similar Part No. - 30927

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3092 KR-3092 Datasheet
57Kb / 3P
   40 MHz Absorptive Notch Absorptive in both directions forward and reverse
logo
Heyco.
3092 HEYCO-3092 Datasheet
117Kb / 1P
   Pry Out Plugs
logo
Belden Inc.
3092A BELDEN-3092A Datasheet
248Kb / 3P
   ControlBus?? Coax RG6, #18 Sol BCCS, PO Ins, QUAD AL Shld, PVC Jkt, CMR
3092A0101000 BELDEN-3092A0101000 Datasheet
248Kb / 3P
   ControlBus?? Coax RG6, #18 Sol BCCS, PO Ins, QUAD AL Shld, PVC Jkt, CMR
3092A01010000 BELDEN-3092A01010000 Datasheet
248Kb / 3P
   ControlBus?? Coax RG6, #18 Sol BCCS, PO Ins, QUAD AL Shld, PVC Jkt, CMR
More results

Similar Description - 30927

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-2567 TEC-408-2567 Datasheet
236Kb / 1P
   Tool and Die Selection Chart for Insulated PIDG*, PLASTI-GRIP*, DIAMOND GRIP* and Budget Terminals and Splices (30 to 10 AWG)
PIDG TEC-PIDG Datasheet
1Mb / 24P
   Pre-Insulated Diamond Grip
logo
Tyco Electronics
321684 MACOM-321684 Datasheet
48Kb / 1P
   SOLISTRAND, Uninsulated Terminals and Splices
logo
List of Unclassifed Man...
SC51-1 ETC2-SC51-1 Datasheet
1Mb / 9P
   Diamond Bonding and Grounding Hardware
logo
Tyco Electronics
31161 MACOM-31161 Datasheet
40Kb / 1P
   TERMINAL, RING, DIAMOND GRIP, WIRE SIZE, 22-16 AWG
34320 MACOM-34320 Datasheet
81Kb / 1P
   SPLICE, PARALLEL, SOLISTRAND
logo
TE Connectivity Ltd
408-1697 TEC-408-1697 Datasheet
449Kb / 8P
   SOLISTRAND Crimping Dies
logo
Tyco Electronics
34101 MACOM-34101 Datasheet
40Kb / 1P
   WIRE TERMINAL DIAMOND GRIP SLOTTED RING TONGUE WIRE SIZE:22-16
34227 MACOM-34227 Datasheet
45Kb / 1P
   SPLICE, BUTT, STANDARD, BUDGET
logo
TE Connectivity Ltd
T200 TEC-T200 Datasheet
616Kb / 5P
   BUDGET THERMAL TRANSFER PRINTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com