Electronic Components Datasheet Search |
|
242-03A Datasheet(PDF) 7 Page - Tyco Electronics |
|
242-03A Datasheet(HTML) 7 Page - Tyco Electronics |
7 / 12 page 83 Catalogue Numbering System Guide to Catalogue Numbering System – Example Code: 244 – 03AG – LSPK – C6 – ER MOVEMENT CODE 01 – Short-scale AC and DC 02 – Short-scale AC 03 – Long-scale AC and DC 05 – Long-scale AC and DC 07 – Edgewise AC DC 08 – Long-scale AC 10 – Edgewise AC and DC 11 – Long-scale DC 12 – Phase sequence meter 13 – 360 rotating iron PFI 14 – Synchroscope 15 – Elapsed time meter 16 – Thermal demand ammeter 21 – Wattmeter 30 – Meter relay 31 – VArmeter 41L – Frequency meter long-scale 41S – Frequency meter short-scale 42 – Power factor meter 45 – RTD temperature 92 – Shunts 94 – Current transformers HW – Kilowatt hour class 1.0 KH – Kilowatt hours KW – Kilowatt hours class 2.0 TYPE / FUNCTION A – Amperes DC B – Rectified amperes C – Center zero amps D – Zero offset current F – Amperes AC G – Volts AC H – High middle K – DC input non electrical scaling L – VAr self contained N – Center zero voltage P – Zero offset voltage R – Live zero current S – Live zero voltage V – Volts DC W – Rectified voltage Y – Expanded scale AC Z – Expanded scale DC 2 – 2 x overload ammeters 3 – 3 x overload ammeters 5 – 1-phase 2-wire watts 6 – 6 x overload ammeters 8 – 3-phase 3-wire watts 9 – 3-phase 4-wire watts NATIONAL STANDARD A – ANSI C39.1 B – BS 89 G – DIN I – ANSI fixing captions J – Japanese instrument Standard INPUT OR MOVEMENT RATING LA – 1A LS – 5A PZ – 150V RX – 300V SJ – 600V PN – 120V RP – 240V SE – 480V QQ – 120V 5A QS – 240V 5A QT – 480V 5A etc SCALING OR OUTPUT BX – Volt free relay contacts FA – 1mA HG – 4/20mA PK – 0/100 PZ – 0/150 RL – 0/200 RX – 0/300 SC – 0/400 SJ – 0/600 SS – 0/1000 TM – 0/2000 UB – 0/4000 UJ – 0/5000 etc SYSTEM FREQUENCY (AC Meters) C4 – 400Hz C5 – 50Hz C6 – 60Hz C7 – 50/60Hz ER 244 03 A G LS PK C6 This guide is not inclusive of all catalogue numbers and should be used for reference only, as improper combinations can be achieved. SERIES 016 – Fiesta 075 – Short-case switchboard 077 – Standard switchboard 078 – Hi-shock sealed 079 – 83/4" switchboard 083 – 2" sealed 084 – 21/2" sealed 242 – 48mm DIN 243 – 72mm DIN 244 – 96m DIN 246 – 144mm DIN E242 – 48mm short-scale E243 – 72mm short-scale E244 – 96mm short-scale OPTIONS Indicate as required |
Similar Part No. - 242-03A |
|
Similar Description - 242-03A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |